Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVQ201N Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RVQ201N
Description  Waterproof type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVQ201N Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RVQ201N Datasheet HTML 1Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Key Features
Long life
Linearity
Durable (Stainless shaft)
Waterproof
Potential Applications
Electric wheelchair
Manual controls (Throttle, Joystick)
Electric vehicles
Personal mobility
Off road vehicles, Golf cart,
ATV’s (All Terrain Vehicles)
Key Features
Long life
Linearity
Durable (Stainless shaft)
Connector-equipped all-in-one
Waterproof
Potential Applications
Electric vehicles
Personal mobility
Off road vehicles, Golf cart,
ATV’s (All Terrain Vehicles)
Key Features
Long life
Linearity
Durable (Stainless shaft)
High torque
Waterproof type (Option) RVQ201NS
Potential Applications
Gaming products (Joystick)
Medical equipment (Angle detect)
Key Features
Meets Japanese Industrial Standard
Reliability
Waterproof type RV24YS
Potential Applications
Manual controls (Throttle, Joystick)
Variety of shaft lengths available
Tocos_sensors_folder
1/16/08
12:15 PM
Page 2


Similar Part No. - RVQ201N

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N15FB100M TOCOS-RVQ20N15FB100M Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N15FB101M TOCOS-RVQ20N15FB101M Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N15FB102M TOCOS-RVQ20N15FB102M Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N15FB103M TOCOS-RVQ20N15FB103M Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
More results

Similar Description - RVQ201N

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CR-03BFFA-L180-WP-R ASSMANN-A-CR-03BFFA-L180-WP-R Datasheet
266Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03MMA-L180-WP-R ASSMANN-A-CR-03MMA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-04PMMP-LC-WP-R ASSMANN-A-CR-04PMMP-LC-WP-R Datasheet
271Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-05BFFA-L180-WP-R ASSMANN-A-CR-05BFFA-L180-WP-R Datasheet
264Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
logo
Japan Aviation Electron...
MX23A JAE-MX23A Datasheet
229Kb / 7P
Compact Type Low-profiled Waterproof Connector
logo
HOKURIKU ELECTRIC INDUS...
KSM8WBTS HOKURIKU-KSM8WBTS Datasheet
73Kb / 1P
Tactile Switches 8mm WaterProof Radial Taping Type
logo
Hirose Electric
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
Waterproof Fixed Attenuators (N Type)
logo
Mitsumi Electronics, Co...
CAM-L41 MITSUMI-CAM-L41 Datasheet
918Kb / 4P
USB Connectors??Type-C Waterproof Series?
STU MITSUMI-STU Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
List of Unclassifed Man...
USBTJ-04 ETC-USBTJ-04 Datasheet
81Kb / 2P
USB Type C Recepatacle Waterproof Gasker
05/07/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com