Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP96N238 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # TP96N238
Description  Long Life 9mm Square, Single-Turn, Carbon Panel Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

TP96N238 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  TP96N238 Datasheet HTML 1Page - TOCOSAMERICA, INC. TP96N238 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 1k
Ω to 100kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 100
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . 100mV max.
Power Rating . . . . . . . . 0.05 watt at
50 C, 0 watt at
70 C
Maximum Input Voltage . . . . . . . . . 70VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 250VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 300VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . 266 nominal
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300
5
Shaft Torque . . . . . . . . . . . . . . . 20 gf • cm (0.277 oz • in) max.
Stop Strength . . . . . . . . . . . . . . 5 kgf • cm (69.31 oz • in) min.
Shaft Strength (push) . . . . . . . . . . . . . . 98.1 N (10 kgf ) min.
Shaft Strength (tensile) . . . . . . . . . . . . . 98.1 N (10 kgf ) min.
Shaft End Play . . . . . . . .
0.5
(shaft length /30) mm max.
Mounting Nut Torque . . . . . . 10 kgf • cm (138.63 oz • in) min.
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
20 Cto
70 C
Temperature Characteristics . . . . . . . . .
70 C, 240 hours
∆T/R ) 5%, 30%
Temperature Cycle . . . . . . . . . . . . . . . . . . . .
20 C, 70 C,
30 minutes each, 5 cycles
∆T/R ) 10%, 30%
Load Life . . . . . . . . . . . . . . . .
50 C, 0.05 watt, 1,000 hours
∆T/R ) 30%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
0.05 watt, 350 hours
∆T/R ) 20%
Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions
∆T/R ) 2.5%
Soldering Heat Resistance . . . . . . . 350 C
5 C, 5 seconds
∆T/R ) 5%
Rotational Life . . . . . . . . . . . 300,000 cycles with 3.5V load
∆T/R ) 15%
∆T/R = Total Resistance Change
TP96N93 Series
Long Life 9mm Square, Single-Turn, Carbon Panel Controls
TOCOS®
P ANEL CONTROLS
Features
Long life 9mm square, single-turn industrial panel controls
Carbon film element
Up to 300,000 cycle rotational life
Single unit, single shaft
Internal resin molded coating to prevent flux intrusion
Metal shaft and bushing
Linear taper
Standard 15mm or 20mm shaft length
6mm diameter shafts in slot, flat or round end styles
Standard PCB right angle inline pin terminals
Vertical mount pin terminals available as special order
Note: A long life panel control should only be used in a circuit
as a potentiometer (3-terminal voltage divider ).
Unit: mm
84
TP96N93
TP96N238


Similar Part No. - TP96N238

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
Max. output 36V DC, 2A
20210902-J
logo
Fuji Electric
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C3 FUJI-TP901C3 Datasheet
100Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C3 FUJI-TP902C3 Datasheet
91Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Similar Description - TP96N238

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com