Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/JM Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC12CE673-04/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/JM Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC12CE673-04/JM Datasheet HTML 30Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 31Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 32Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 33Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 34Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 35Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 36Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 37Page - Microchip Technology PIC12CE673-04/JM Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
PIC12C67X
DS30561B-page 34
© 1999 Microchip Technology Inc.
6.1.5
ACKNOWLEDGE
The EEPROM, when addressed, will generate an
acknowledge after the reception of each byte. The pro-
cessor must generate an extra clock pulse which is
associated with this acknowledge bit.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH
period of the acknowledge related clock pulse. Of
course, setup and hold times must be taken into
account. The processor must signal an end of data to
the EEPROM by not generating an acknowledge bit on
the last byte that has been clocked out of the EEPROM.
In this case, the EEPROM must leave the data line
HIGH to enable the processor to generate the STOP
condition (Figure 6-4).
FIGURE 6-1:
BLOCK DIAGRAM OF GPIO6 (SDA LINE)
FIGURE 6-2:
BLOCK DIAGRAM OF GPIO7 (SCL LINE)
Note:
Acknowledge bits are not generated if an
internal programming cycle is in progress.
EN
D
EN
QD
CK
Reset
CK
Q
Data Bus
Write
Output Latch
To EEPROM SDA
Schmitt Trigger
ltchpin
Input Latch
Read
VDD
Pad
GPIO
GPIO
P
EN
D
EN
QD
CK
CK
Q
Data Bus
Write
To EEPROM SCL
ltchpin
Read
VDD
Pad
Schmitt Trigger
GPIO
GPIO
P
N
Output Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com