Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRF540
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF540 Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF540 Datasheet HTML 1Page - Vishay Siliconix IRF540 Datasheet HTML 2Page - Vishay Siliconix IRF540 Datasheet HTML 3Page - Vishay Siliconix IRF540 Datasheet HTML 4Page - Vishay Siliconix IRF540 Datasheet HTML 5Page - Vishay Siliconix IRF540 Datasheet HTML 6Page - Vishay Siliconix IRF540 Datasheet HTML 7Page - Vishay Siliconix IRF540 Datasheet HTML 8Page - Vishay Siliconix IRF540 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91021
4
S11-0510-Rev. B, 21-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF540, SiHF540
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
3000
2400
1800
1200
0
600
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91021_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
040
20
30
10
I
D = 17 A
V
DS = 20 V
V
DS = 50 V
For test circuit
see figure 13
V
DS = 80 V
91021_06
70
60
50
101
100
VSD, Source-to-Drain Voltage (V)
0.4
1.6
1.2
0.8
25
°C
150
°C
V
GS = 0 V
91021_07
10-1
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 175 °C
Single Pulse
102
0.1
2
5
2
5
1
2
5
10
25
1
25
10
25 102
25
103
25
104
91021_08
103



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com