Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-10/JM Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC12CE673-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-10/JM Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC12CE673-10/JM Datasheet HTML 97Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 98Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 99Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 100Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 101Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 102Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 103Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 104Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 101
PIC12C67X
TABLE 12-2:
CALIBRATED INTERNAL RC FREQUENCIES -PIC12C671, PIC12C672, PIC12CE673,
PIC12CE674, PIC12LC671,
PIC12LC672, PIC12LCE673,
PIC12LCE674
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial),
–40
°C ≤ TA ≤ +85°C (industrial),
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 10.1
Parameter
No.
Sym
Characteristic
Min*
Typ(1)
Max*
Units
Conditions
Internal Calibrated RC
Frequency
3.65
4.00
4.28
MHz
VDD = 5.0V
Internal Calibrated RC
Frequency
3.55
4.00
4.31
MHz
VDD = 2.5V
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com