Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-10/JM Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC12CE673-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-10/JM Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC12CE673-10/JM Datasheet HTML 96Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 97Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 98Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 99Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 100Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 101Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 102Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 103Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 129 page
background image
PIC12C67X
DS30561B-page 100
© 1999 Microchip Technology Inc.
12.6
Timing Diagrams and Specifications
FIGURE 12-5: EXTERNAL CLOCK TIMING
TABLE 12-1:
CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
FOSC
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
XT and EXTRC osc mode
DC
—
4
MHz
HS osc mode (PIC12CE67X-04)
DC
—
10
MHz
HS osc mode (PIC12CE67X-10)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
EXTRC osc mode
.455
—
4
MHz
XT osc mode
4
—
4
MHz
HS osc mode (PIC12CE67X-04)
4
—
10
MHz
HS osc mode (PIC12CE67X-10)
5
—
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
—
—
ns
XT and EXTRC osc mode
250
—
—
ns
HS osc mode (PIC12CE67X-04)
100
—
—
ns
HS osc mode (PIC12CE67X-10)
5—
—
µs
LP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
EXTRC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (PIC12CE67X-04)
100
—
250
ns
HS osc mode (PIC12CE67X-10)
5—
—
µsLP osc mode
2TCY
Instruction Cycle Time (Note 1)
400
—
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
50
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
10
—
—
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based
on characterization data for that particular oscillator type under standard operating conditions with the device exe-
cuting code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than
expected current consumption. All devices are tested to operate at "min." values with an external clock applied to
the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices. OSC2 is discon-
nected (has no loading) for the PIC12C67X.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com