Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-10/JM Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC12CE673-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-10/JM Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC12CE673-10/JM Datasheet HTML 114Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 115Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 116Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 117Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 118Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 119Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 120Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 121Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 129 page
background image
PIC12C67X
DS30561B-page 118
© 1999 Microchip Technology Inc.
8-Lead Ceramic Side Brazed Dual In-line with Window (JW) – 300 mil
7.11
6.86
6.60
.280
.270
.260
U
Lid Width
11.68
11.43
11.18
.460
.450
.440
T
Lid Length
4.34
4.22
4.09
.171
.166
.161
W
Window Diameter
8.23
7.87
7.52
.324
.310
.296
eB
Overall Row Spacing
0.51
0.46
0.41
.020
.018
.016
B
Lower Lead Width
1.52
1.40
1.27
.060
.055
.050
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
3.81
3.56
3.30
.150
.140
.130
L
Tip to Seating Plane
13.46
13.21
12.95
.530
.520
.510
D
Overall Length
7.62
7.37
7.11
.300
.290
.280
E1
Package Width
1.14
0.89
0.64
.045
.035
.025
A1
Standoff
3.63
3.12
2.62
.143
.123
.103
A2
Top of Body to Seating Plane
4.70
4.19
3.68
.185
.165
.145
A
Top to Seating Plane
2.54
.100
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
T
E1
U
W
c
eB
L
A2
B
B1
A
A1
p
*Controlling Parameter
JEDC Equivalent: MS-015
Drawing No. C04-083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com