Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7910 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7910
Description  MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7910 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7910 Datasheet HTML 1Page - STMicroelectronics TDA7910 Datasheet HTML 2Page - STMicroelectronics TDA7910 Datasheet HTML 3Page - STMicroelectronics TDA7910 Datasheet HTML 4Page - STMicroelectronics TDA7910 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Non-inverting
Input
Inverting
Input
Compensation
Q9
Q11
Q12
Q1
Q3
Q4
Q2
C1
Q7
Q5
Q6
Q8
Q17
Q15
Q16
R7
Balance
R15
D1
R6
R2
R1
Compensation
R9
R10
Q21 Q22
Q23
R11
R12
Q30
V
CC
V
CC
D2
Q28
Output
Q27
Q25
R14
Current
limiting
Q26
Q24
R13
R17
Q31
Q18
Q19
R8
C2
Q29
R15
Q20
Q13
Q14
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
± 18
V
Vi
Input Voltage
± 15
V
Vid
Differential Input Voltage
± 30
V
IO
Output Current*
0.75
A
Ptot
Power Dissipation
7.5
W
Toper
Operating Free-air Temperature Range
TDB7910
TDA7910
0 to +70
-40 to +105
°C
Tstg
Storage Temperature Range
-65 to +150
°C
* Under short-circuit conditions, the safe operating area and dc power dissipation limi tations must be observed.
TDB7910-TDA7910
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com