Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT160AXB Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC58FVT160AXB
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT160AXB Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC58FVT160AXB Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 17Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 18Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 19Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 20Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 21Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 22Page - Toshiba Semiconductor TC58FVT160AXB Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2002-08-06
19/41
AC CHARACTERISTICS AND OPERATING CONDITIONS
READ CYCLE
PRODUCT NAME
−70
−10
OUTPUT CAPACITANCE LOAD (CL)
30 pF
100 pF
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
70
80
100
ns
tACC
Address Access Time
70
80
100
ns
tCE
CE
Access Time
70
80
100
ns
tOE
OE
Access Time
30
35
40
ns
tCEE
CE
to Output Low-Z
0
0
0
ns
tOEE
OE
to Output Low-Z
0
0
0
ns
tOH
Output Data Hold Time
0
0
0
ns
tDF1
CE
to Output High-Z
20
25
30
ns
tDF2
OE
to Output High-Z
20
25
30
ns
BLOCK PROTECT
SYMBOL
PARAMETER
MIN
MAX
UNIT
tVPT
VID Transition Time
4
µs
tVPS
VID Set-up Time
4
µs
tCESP
CE
Set-up Time
4
µs
tVPH
OE
Hold Time
4
µs
tPPLH
WE Low-Level Hold Time
100
µs
PROGRAM AND ERASE CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
Auto-Program Time (Byte Mode)
8
300
µs
tPPW
Auto-Program Time (Word Mode)
11
300
µs
tPCEW
Auto Chip Erase Time
25
350
s
tPBEW
Auto Block Erase Time
0.7
10
s
tEW
Erase/Program Cycle
10
5
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com