Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L90 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS47L90
Description  Low Power, Highly Integrated Smart Audio Codec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L90 Datasheet(HTML) 2 Page - Cirrus Logic

  CS47L90 Datasheet HTML 1Page - Cirrus Logic CS47L90 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS47L90 Low Power Smart Audio and Sensor Hub System
System Features
Target Applications
The CS47L90 is targeted at mobile and portable applications, including smartphones, tablets and multimedia handsets.
Block Diagram
Schematic
RESET
IRQ
×3
×3
×2
×8
GPSWnN
GPSWnP
SPKDAT
SPKCLK
HPOUTnR
HPOUT3FB
HPOUTnL
GPIOn
AEC (Echo Cancelation)
Loop-Back
SYSCLK
ASYNCCLK
DSPCLK
SLIMCLK
AIFnLRCLK
AIFnBCLK
DAC
DAC
Charge Pumps
JACKDET1
MCLK1
IN2RN
IN1ARN/DMICDAT1, IN1BRN
IN2ALN/DMICDAT2, IN2BLN
IN1ALN, IN1BLN
CS47L90
DMICDATn
DMICCLKn
JACKDET2
MCLK2
IN2RP
IN1ARP/DMICCLK1, IN1BRP
IN2ALP/DMICCLK2, IN2BLP
IN1ALP, IN1BLP
HPDET2
HPDET1
MICDET1/HPOUTFB2
MICDET1/HPOUTFB4
MICDET1/HPOUTFB1
MICDET1/HPOUTFB3
MICBIAS2C
MICBIAS1C
MICBIAS2A
MICBIAS1A
MICBIAS2D
MICBIAS1D
MICBIAS2B
MICBIAS1B
LDO and
MICBIAS
Generators
Input Select
4 × ADC
5 × Stereo
Digital Mic
Interface
Reference
Generator
Accessory
Detect
Control Interfaces (2 × SPI, 1 × I2C)
Master Interface (3 × I2C)
Digital Audio Interfaces
AIF1, AIF2, AIF3, AIF4
SLIMbus
Interface
Clocking
Control
PDM Driver
GPIO
Digital Core
Programmable multicore DSP sensor hub
Stereo adaptive RX ambient noise cancelation
Advanced multimic TX noise reduction
Advanced multimic acoustic-echo cancelation
Advanced “always-on” buffering
Trigger word detection
Speaker protection
Five-band equalizer (EQ)
Dynamic range control (DRC)
Low pass/high pass filter (LHPF)
Asynchronous sample-rate conversion
Automatic sample-rate detection
PWM signal generator
Haptic control signal generator
“Always on” low current consumption
• Including low power mode A/D converters to
enable low power when using analog mics
32-bit playback support
• Via audio outputs such as headphone,
earpiece and external speakers
• To digital SPDM output and external devices
• Enables 32-bit playback through devices
such as external D/A converters
Enhanced memory sharing between DSP cores
• Up to four 1K windows can
be allocated to any core
• Dramatically improves memory sharing
Seamless advanced clocking architecture
• FLL(s) generate all clocks needed,
internal and external
• To/from any reference from 32 kHz – 27 MHz
with no buffering/streaming gap during swap
• Powerful sample rate conversion
• Lowest possible power for all use cases
• Natural speech recognition with no
pause/prompt
• Simplified software integration
• Jitter-free audio
975 MIPS seven-core audio DSP
• Fixed function signal-processing
functions
G
Dynamic range control,
fully parametric EQs
G
Tone, noise, PWM, haptic
control signal generators
• Multi-channel asynchronous
sample rate conversion
Up to seven analog or ten digital
microphone inputs (two stereo interfaces)
Multipurpose headphone/earpiece/line
output driver
• 30 mW into 32 Ω load at 0.1% THD+N
• Hi-fi filters for audiophile quality playback
Speaker protection
Four full digital audio interfaces
• Standard sample rates from
192 kHz, 32-bits
• TDM support on all AIFs
Compact WCSP package with 0.4-mm,
staggered 173-ball array
Integrated multi-channel 24-bit hi-fi
audio hub codec featuring SmartHIFI™
• Integrated multi-channel 24-bit hi-fi
audio hub codec with SmartHIFI
• Low distortion: 95 dB THD+N
at low power, 32 Ω
• Low noise: 127 dB SNR
headphone playback (48 kHz)
• Dedicated audio FLL minimizes
clock jitter
• High dynamic range: 115 dB
headphone, referenced to 1 V
RMS
• Linearity: >100 dB THD
• Transparent frequency
and phase response
G
+/-0.003 dB
G
Low headphone amp output
impedance maintains
flatness even when driving
complex impedance loads
• Transparent time domain response:
pro audio hi-fi filters (based on
WM8741 pro audio DAC)
• High sample rate and bit depth
G
24/32-bit, 192 kHz playback
• Low headphone amp output
impedance: 0.2 Ω
© 2016 Cirrus Logic, Inc. All rights reserved. Cirrus Logic, Cirrus and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc.
Other brand and product names in this document may be trademarks or service marks of their respective owners.
Cirrus Logic, Inc.
800 West Sixth Street
Austin, Texas 78701
United States
T+1-512-851-4000
T+1-800-888-5016
F+1-512-851-4977
Toll-Free +1-800-888-5016
Sales Support
North America +1-866-630-1158
Asia Pacific +852 2376-0801
Japan +81 (3) 6732-8477
Europe/UK +44 (0) 1628-89 1-300
www.cirrus.com
SEPTEMBER 2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com