Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1610 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS1610
Description  TRIAC Dimmable LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1610 Datasheet(HTML) 2 Page - Cirrus Logic

  CS1610 Datasheet HTML 1Page - Cirrus Logic CS1610 Datasheet HTML 2Page - Cirrus Logic CS1610 Datasheet HTML 3Page - Cirrus Logic CS1610 Datasheet HTML 4Page - Cirrus Logic CS1610 Datasheet HTML 5Page - Cirrus Logic CS1610 Datasheet HTML 6Page - Cirrus Logic CS1610 Datasheet HTML 7Page - Cirrus Logic CS1610 Datasheet HTML 8Page - Cirrus Logic CS1610 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS1610/11/12/13
2
DS929F3
1. INTRODUCTION
Figure 1. CS1610/11/12/13 Block Diagram
A typical schematic using the CS1610/11 for flyback
applications is shown on the previous page.
Startup current is provided from a patent-pending, external
high-voltage source-follower network. In addition to providing
startup current, this unique topology is integral in providing
compatibility with digital dimmers by ensuring VDD power is
always available to the IC. During steady-state operation, an
auxiliary winding on the boost inductor back-biases the
source-follower circuit and provides steady-state operating
current to the IC to improve system efficiency.
The rectified input voltage is sensed as a current into pin IAC
and is used to control the adaptive dimmer compatibility
algorithm and extract the phase of the input voltage for output
dimming control. During steady-state operation, the external
high-voltage, source-follower circuit is source-switched in
critical conduction mode (CRM) to boost the input voltage.
This allows the boost stage to maintain good power factor,
provides dimmer compatibility, reduces bulk capacitor ripple
current, and provides a regulated input voltage to the second
stage.
The output voltage of the CRM boost is sensed by the current
into the boost output voltage sense pin (BSTOUT). The quasi-
resonant second stage is implemented with peak-current
mode primary-side control, which eliminates the need for
additional components to provide feedback from the
secondary and reduces system cost and complexity.
Voltage across an external user-selected resistor is sensed
through pin FBSENSE to control the peak current through the
second stage inductor. Leading-edge and trailing-edge
blanking on pin FBSENSE prevents false triggering.
Pin FBAUX is used to sense the second stage inductor
demagnetization to ensure quasi-resonant switching of the
output stage.
When an external negative temperature coefficient (NTC)
thermistor
is
connected
to
the
eOTP
pin,
the
CS1610/11/12/13 monitors the system temperature, allowing
the controller to reduce the output current of the system. If the
temperature reaches a designated high set point, the IC is
shutdown and stops switching.
VZ
POR
+
-
Voltage
Regulator
14
VDD
11
FBSENSE
+
-
15
FBAUX
+
-
13
GD
2
IAC
DAC
+
-
Peak
Control
Second Stage ZCD
+
-
Output Open
12
GND
OLP
+
-
16
BSTOUT
MUX
OCP
tLEB
+
-
1
BSTAUX
Boost ZCD
3
CLAMP
VST(th )
VSTP(th )
VOCP(th )
V
FB ZCD(th)
VOVP(th )
VOLP(th)
VFBZCD(th)
VPk_Max(th)
9
4
SGND
5
SOURCE
+
-
+
-
VDD
ICONNECT
V
CONNE CT(th )
VSOURCE(th )
10
FBGAIN
8
IPK
eOTP
15k
ADC
MUX
15k
VDD
Iref
tFBZCD
I
CLA MP
tBSTZCD
ISOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com