Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1612 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS1612
Description  TRIAC Dimmable LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1612 Datasheet(HTML) 3 Page - Cirrus Logic

  CS1612 Datasheet HTML 1Page - Cirrus Logic CS1612 Datasheet HTML 2Page - Cirrus Logic CS1612 Datasheet HTML 3Page - Cirrus Logic CS1612 Datasheet HTML 4Page - Cirrus Logic CS1612 Datasheet HTML 5Page - Cirrus Logic CS1612 Datasheet HTML 6Page - Cirrus Logic CS1612 Datasheet HTML 7Page - Cirrus Logic CS1612 Datasheet HTML 8Page - Cirrus Logic CS1612 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS1610/11/12/13
DS929F3
3
2. PIN DESCRIPTION
Pin Name
Pin #
I/O
Description
BSTAUX
1IN
Boost Zero-current Detect
— Boost Inductor demagnetization sensing input for
zero-current detection (ZCD) information. The pin is connected to the PFC boost
inductor auxiliary winding through an external resistor divider.
IAC
2IN
Rectifier Voltage Sense
— A current proportional to the rectified line voltage is fed
into this pin. The current is measured with an A/D converter.
CLAMP
3OUT
Voltage Clamp Current Source
— Connect to a voltage clamp circuit on the output
of the boost stage.
SGND
4PWR
Source Ground
— Common reference current return for the SOURCE pin.
SOURCE
5IN
Source Switch
— Connected to the source of the boost stage external high-voltage
FET.
NC
6IN
No Connect
— Connect this pin to VDD using a pull-up resistor.
NC
7IN
No Connect
— Connect this pin to VDD using a pull-up resistor.
IPK
8IN
Boost Peak Current
— Connect a resistor to this pin to set the peak current of the
boost circuit.
FBGAIN
9IN
Second Stage Gain
— Connect a resistor to this pin to set the switching frequency
gain for the second stage.
eOTP
10
IN
External Overtemperature Protection
— Connect an external NTC thermistor to
this pin, allowing the internal A/D converter to sample the change to NTC resistance.
FBSENSE
11
IN
Second Stage Current Sense
— The current flowing in the second stage FET is
sensed across a resistor. The resulting voltage is applied to this pin and digitized for
use by the second stage computational logic to determine the FET's duty cycle.
GND
12
PWR
Ground
— Common reference. Current return for both the input signal portion of the
IC and the gate driver.
GD
13
OUT
Gate Driver
— Gate drive for the second stage power FET.
VDD
14
PWR
IC Supply Voltage
— Connect a storage capacitor to this pin to serve as a reservoir for
operating current for the device, including the gate drive current to the power transistor.
FBAUX
15
IN
Second Stage Zero-current Detect
— Second stage inductor sensing input. The
pin is connected to the second stage inductor’s auxiliary winding through an external
resistor divider.
BSTOUT
16
IN
Boost Output Voltage Sense
— A current proportional to the boost output is fed
into this pin. The current is measured with an A/D converter.
No Connect
Source Switch
Source Ground
Boost Zero-current Detect
Rectifier Voltage Sense
Boost Peak Current
NC
NC
No Connect
SOURCE
SGND
BSTAUX
eOTP
External Overtemperature Protection
FBSENSE
Second Stage Current Sense
GND
Ground
GD
Gate Driver
VDD
IC Supply Voltage
FBAUX
Second Stage Zero-current Detect
BSTOUT
Boost Output Voltage Sense
IAC
CLAMP
Voltage Clamp Current Source
16-lead SOICN
IPK
FBGAIN
Second Stage Gain
7
6
5
4
3
2
1
10
11
12
13
14
15
16
8
9
Figure 2. CS1610/11/12/13 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com