Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1613 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1613
Description  TRIAC Dimmable LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1613 Datasheet(HTML) 5 Page - Cirrus Logic

  CS1613 Datasheet HTML 1Page - Cirrus Logic CS1613 Datasheet HTML 2Page - Cirrus Logic CS1613 Datasheet HTML 3Page - Cirrus Logic CS1613 Datasheet HTML 4Page - Cirrus Logic CS1613 Datasheet HTML 5Page - Cirrus Logic CS1613 Datasheet HTML 6Page - Cirrus Logic CS1613 Datasheet HTML 7Page - Cirrus Logic CS1613 Datasheet HTML 8Page - Cirrus Logic CS1613 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS1610/11/12/13
DS929F3
5
Notes:
1. The CS1610/11/12/13 has an internal shunt regulator that limits the voltage on the VDD pin. VZ, the shunt regulation voltage, is
defined in the VDD Supply Voltage section on page 4.
2. External circuitry should be designed to ensure that the ZCD current drawn from the internal clamp diode when it is forward biased
does not exceed specification.
3. The conductance is specified in Siemens (S or 1/
). Each LSB of the internal ADC corresponds to 250nS or one parallel 4M
resistor. Full scale corresponds to 256 parallel 4M
 resistors or 15.625k.
4.
Specifications are guaranteed by design and are characterized and correlated using statistical process methods.
5.
For test purposes, load capacitance (CL) is 0.25nF and is connected as shown in the following diagram.
Second Stage Current Sense
Overcurrent Protection Threshold
VOCP(th)
-1.69
-
V
Sense Resistor Short Threshold
VOLP(th)
-200
-
mV
Peak Control Threshold
VPk_Max(th)
-1.4
-
V
Leading-edge Blanking
tLEB
-550
-
ns
Delay to Output
--
100
ns
Second Stage Pulse Width Modulator
Minimum On Time
-
0.55
-
s
Maximum On Time
-
8.8
-
s
Minimum Switching Frequency
tFB(Min)
-625
-
Hz
Maximum Switching Frequency
tFB(Max)
-200
-
kHz
Second Stage Gate Driver
Output Source Resistance
VDD =12V
ZOUT
-24
-
Output Sink Resistance
VDD =12V
ZOUT
-11
-
Rise Time
(Note 5)
CL =0.25nF
--
30
ns
Fall Time
(Note 5)
CL =0.25nF
--
20
ns
Second Stage Protection
Overcurrent Protection (OCP)
VOCP(th)
-1.69
-
V
Overvoltage Protection (OVP)
VOVP(th)
-1.25
-
V
Open Loop Protection (OLP)
VOLP(th)
-200
-
mV
External Overtemperature Protection (eOTP), Boost Peak Current, Second Stage Frequency Gain
Pull-up Current Source – Maximum
ICONNECT
-80
-
A
Conductance Accuracy
(Note 3)
--
±5
Conductance Offset
(Note 3)
-±250
-
nS
Current Source Voltage Threshold
VCONNECT(th)
-1.25
-
V
Internal Overtemperature Protection (iOTP)
Thermal Shutdown Threshold
(Note 4)
TSD
-135
-
ºC
Thermal Shutdown Hysteresis
(Note 4)
TSD(Hy)
-14
-
ºC
Parameter
Condition
Symbol
Min
Typ
Max
Unit
GD OUT
GD
GND
CS
VDD
Buffer
S1
R1
R2
R3
TP
CL
0.25nF
+15V
-15V
S2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com