Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS340 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPS340
Description  3 A LOW Vf Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS340 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPS340 Datasheet HTML 1Page - Microsemi Corporation UPS340 Datasheet HTML 2Page - Microsemi Corporation UPS340 Datasheet HTML 3Page - Microsemi Corporation UPS340 Datasheet HTML 4Page - Microsemi Corporation UPS340 Datasheet HTML 5Page - Microsemi Corporation UPS340 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPS340
3 A LOW Vf Schottky Barrier Rectifier
ELECTRICAL PARAMETERS @ 25°C (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Forward Voltage (Note 1)
VFm
IF = 3 A , Tj =25 ºC
IF = 3 A , Tj =125 ºC
IF = 6 A , Tj =25 ºC
IF = 6 A , Tj =125 ºC
0.46
0.40
0.57
0.54
0.50
0.44
0.61
0.58
V
Reverse Break Down Voltage
(Note 1)
VBR
IR = 0.5 mA
40
V
Reverse Current (Note1)
Irm
VR = 40V, Tj = 25 ºC
VR = 40V, Tj =100 ºC
15
10
500
20
uA
mA
Capacitance
CT
VR = 4 V; F = 1 MHZ
180
pF
Note: 1 Short duration test pulse used to minimize self – heating effect.
Microsemi
Page 2
Copyright
 2003
Rev. 0., 2003-02-12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com