Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHD-5.7B-LED Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # NHD-5.7B-LED
Description  LED Backlight Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.7B-LED Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  NHD-5.7B-LED Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-5.7B-LED Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-5.7B-LED Datasheet HTML 3Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[2]
Document Revision History
Revision
Date
Description
Changed by
0
07/28/2010
Initial Release
MC
1
6/1/16
Mechanical Drawing Updated
SB
Functions and Features
• HIMAX HA7101 LED Driver
• PWM control backlight brightness with Enable pin
• 5V power supply input for 9.9V output, for NHD-5.7-320240WFB series displays
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Temperature Range
-
Absolute Max
-20
25
85
°C
Storage Temperature Range
-
Absolute Max
-30
25
100
°C
Input Voltage
Vin
-
3.3
5.0
5.5
V
Input Current (no load)
-
Vin=5V
-
1.2
-
mA
Input Current (with load)
-
Vin=5V
-
480
-
mA
Output Current
Iout
Vin=5V
-
140
-
mA
Output Voltage
Vout
Vin=5V
-
9.9
-
V
J1 Pin Description (user input)
Pin No.
Symbol
External
Connection
Function Description
1
VCC
Power Supply
Supply Voltage for LED driver circuit
2
E
MPU
Enable input (PWM signal)
3
GND
Power Supply
Ground for LED driver circuit
Connector: M125PR-03
Recommended mating connector: M125H-03 http://www.newhavendisplay.com/app_notes/M125H-03.pdf
J2 Pin Description (output)
Pin No.
Symbol
External
Connection
Function Description
1
LED-
K
Ground for LED backlight
2
LED+
A
Power for LED backlight
Connector: S 3B-XH-A
Connector on display backlight: XHP-3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com