Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHD-5.7F-LED Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # NHD-5.7F-LED
Description  LED Backlight Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.7F-LED Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  NHD-5.7F-LED Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-5.7F-LED Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-5.7F-LED Datasheet HTML 3Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[2]
 
 
Document Revision History 
Revision 
Date 
Description 
Changed by 
0 
07/28/2010 
Initial Release 
MC 
 
 
Functions and Features 
•  HIMAX HA7106 LED Driver 
•  5V power supply input for 23.5V output, for NHD‐5.7‐640480WF series displays 
 
 
 
ELECTRICAL CHARACTERISTICS 
Parameter 
Symbol 
Condition
Min
Typ
Max 
Unit 
Operating Temperature Range ‐ 
Absolute Max
‐20
25
70 
°C 
Storage Temperature Range ‐ 
Absolute Max
‐30
25
85 
°C 
Input Voltage 
VDD ‐
4.5
5.0
5.5 
V 
Supply Current 
IDD 
VDD=5V
289
305
311 
mA 
Output Current 
Iout 
VDD=5V
‐
58.6
‐
mA 
Output Voltage 
Vout 
VDD=5V
‐
23.5
‐
V 
 
 
 
J1 Pin Description (user input) 
Pin No. 
Symbol 
External 
Connection 
Function Description
1 
GND 
Power Supply 
Ground for LED driver circuit
2 
VDD 
Power Supply 
Power Supply for LED driver circuit
Connector: 2.54mm pitch through‐holes 
 
 
J2 Pin Description (output) 
Pin No. 
Symbol 
External 
Connection 
Function Description
1 
LED‐ 
K 
Ground for LED backlight
2 
LED+ 
A 
Power for LED backlight
Connector:   SM 02B‐BHSS‐1 
Connector on display backlight: BHSR‐02VS‐1 
 
   



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com