Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G175 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G175 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9397 750 13762
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2004
9 of 17
Philips Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
[1]
All typical values are measured at Tamb = 25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[4]
The condition is VI = GND to VCC.
trem
removal time master reset
see Figure 7
VCC = 1.65 V to 1.95 V
1.9
-
-
ns
VCC = 2.3 V to 2.7 V
1.4
-
-
ns
VCC = 2.7 V
1.3
-
-
ns
VCC = 3.0 V to 3.6 V
1.2
-
-
ns
VCC = 4.5 V to 5.5 V
1.0
-
-
ns
tsu
set-up time D to CP
see Figure 6
VCC = 1.65 V to 1.95 V
2.9
-
-
ns
VCC = 2.3 V to 2.7 V
1.7
-
-
ns
VCC = 2.7 V
1.7
-
-
ns
VCC = 3.0 V to 3.6 V
1.3
-
-
ns
VCC = 4.5 V to 5.5 V
1.1
-
-
ns
th
hold time D to CP
see Figure 6
VCC = 1.65 V to 1.95 V
0.0
-
-
ns
VCC = 2.3 V to 2.7 V
0.3
-
-
ns
VCC = 2.7 V
0.5
-
-
ns
VCC = 3.0 V to 3.6 V
1.2
-
-
ns
VCC = 4.5 V to 5.5 V
0.5
-
-
ns
fmax
maximum clock pulse
frequency
see Figure 6
VCC = 1.65 V to 1.95 V
80
-
-
MHz
VCC = 2.3 V to 2.7 V
175
-
-
MHz
VCC = 2.7 V
175
-
-
MHz
VCC = 3.0 V to 3.6 V
175
-
-
MHz
VCC = 4.5 V to 5.5 V
200
-
-
MHz
Table 8:
Dynamic characteristics …continued
GND = 0 V; see Figure 8
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com