Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7760 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7760
Description  Energy Metering IC with On-Chip Fault Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7760 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7760 Datasheet HTML 16Page - Analog Devices ADE7760 Datasheet HTML 17Page - Analog Devices ADE7760 Datasheet HTML 18Page - Analog Devices ADE7760 Datasheet HTML 19Page - Analog Devices ADE7760 Datasheet HTML 20Page - Analog Devices ADE7760 Datasheet HTML 21Page - Analog Devices ADE7760 Datasheet HTML 22Page - Analog Devices ADE7760 Datasheet HTML 23Page - Analog Devices ADE7760 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADE7760
Rev. 0 | Page 20 of 24
Table 9. F1 and F2 Frequency with Half-Scale AC Inputs
S0
S1
F1-4
Frequency on F1 and F2,
CH1 and CH2,
Half-Scale AC Inputs
0
0
1.72
0.085 Hz
0
1
3.44
0.17 Hz
1
0
6.86
0.34 Hz
1
1
13.5
0.68 Hz
When selecting a suitable F1–4 frequency for a meter design, the
frequency output at IMAX (maximum load) with a meter constant
of 100 impulses /kWh should be compared with Column 4 of
Table 9. The frequency that is closest in Table 9 determines the
best choice of frequency (F1–4). For example, if a meter with a
maximum current of 40 A is being designed, the output
frequency on F1 and F2 with a meter constant of
100 impulses /kWh is 0.266 Hz at 40 A and 240 V (from
Table 8). Looking at Table 9, the closest frequency to 0.266 Hz
in Column 4 is 0.17 Hz. Therefore, F2 (3.4 Hz; see Table 5) is
selected for this design.
Frequency Outputs
Figure 2 shows a timing diagram for the various frequency
outputs. The high frequency CF output is intended to be used
for communications and calibration purposes. CF produces a
90 ms wide, active high pulse (t4) at a frequency that is propor-
tional to active power. The CF output frequencies are given in
Table 7. As in the case of F1 and F2, if the period of CF (t5) falls
below 180 ms, the CF pulse width is set to half the period. For
example, if the CF frequency is 20 Hz, the CF pulse width is
25 ms.
No-Load Threshold
The ADE7760 also includes a no-load threshold and startup
current feature that eliminates any creep effects in the
meter. The ADE7760 is designed to issue a minimum output
frequency. Any load generating a frequency lower than this
minimum frequency does not cause a pulse to be issued on F1,
F2, or CF. The minimum output frequency is given as 0.0045%
of the full-scale output frequency. (See Table 7 for maximum
output frequencies for ac signals.)
For example, an energy meter with a meter constant of
100 impulses /kWh on F1, F2 using SCF = 1, S1 = 0, and S0 = 1,
the maximum output frequency at F1 or F2 would be 0.68 Hz
and 43.52 Hz on CF. The minimum output frequency at F1 or
F2 would be 0.0045% of 0.68 Hz or 3.06 × 10–5 Hz. This would
be 1.96 × 10–3 Hz at CF (64 × F1 Hz). In this example, the no-
load threshold would be equivalent to 1.1 W of load or a startup
current of 4.6 mA at 240 V. Compare this value to the IEC61036
specification, which states that the meter must start up with a
load equal to or less than 0.4% IB. For a 5 A (IB) meter, 0.4% of IB
is equivalent to 20 mA.
Note that the no-load threshold is not enabled when using the
high CF frequency mode: SCF = 0, S1 = S0 = 1.
NEGATIVE POWER INFORMATION
The ADE7760 detects when the current and voltage channels
have a phase shift greater than 90°. This mechanism can detect
wrong connection of the meter or generation of negative power.
The REVP pin output goes active high when negative power is
detected and active low, when positive power is detected. The
REVP pin output changes state as a pulse is issued on CF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com