Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C4040-8 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4040-8
Description  Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4040-8 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4040-8 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C4040
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C4040-12 = 12 inches long cable
PE3C4040-100cm = 100 cm long cable
Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG174 Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG174 Coax
PE3C4040-8
URL: https://www.pasternack.com/mmbx-plug-n-female-rg174au-cable-assembly-pe3c4040-8-p.aspx
PE3C4040-8 REV 1.0
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug to N Female Bulkhead
Cable 8 Inch Length Using RG174 Coax
PE3C4040-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com