Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DS163D Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29DS163D
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163D Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29DS163D Datasheet HTML 1Page - Advanced Micro Devices AM29DS163D Datasheet HTML 2Page - Advanced Micro Devices AM29DS163D Datasheet HTML 3Page - Advanced Micro Devices AM29DS163D Datasheet HTML 4Page - Advanced Micro Devices AM29DS163D Datasheet HTML 5Page - Advanced Micro Devices AM29DS163D Datasheet HTML 6Page - Advanced Micro Devices AM29DS163D Datasheet HTML 7Page - Advanced Micro Devices AM29DS163D Datasheet HTML 8Page - Advanced Micro Devices AM29DS163D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 22326
Rev: A Amendment/1
Issue Date: November 8, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DS163D
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■
Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
■
Multiple bank architectures
— Two devices available with different bank sizes (refer
to Table 3)
■
Secured Silicon (SecSi) Sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data.
— Customer lockable: Can be read, programmed, or
erased just like other sectors. Once locked, data
cannot be changed.
— 64 Kbyte sector size
■
Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
■
Package options
— 48-ball FBGA
■
Top or bottom boot block
■
Manufactured on 0.23 µm process technology
■
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
■
High performance
— Access time as fast 100 ns
— Program time: 13 µs/word typical utilizing Accelerate function
■
Ultra low power consumption (typical values)
— 1 mA active read current at 1 MHz
— 5 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■
Minimum 1 million write cycles guaranteed per sector
■
20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■
Data Management Software (DMS)
— AMD-supplied software manages data programming
and erasing, enabling EEPROM emulation
— Eases sector erase limitations
■
Supports Common Flash Memory Interface (CFI)
■
Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in
same bank
■
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■
Any combination of sectors can be erased
■
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to reading array data
■
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function provides accelerated
program times
■
Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com