Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29SL160C Datasheet HTML 1Page - Advanced Micro Devices AM29SL160C Datasheet HTML 2Page - Advanced Micro Devices AM29SL160C Datasheet HTML 3Page - Advanced Micro Devices AM29SL160C Datasheet HTML 4Page - Advanced Micro Devices AM29SL160C Datasheet HTML 5Page - Advanced Micro Devices AM29SL160C Datasheet HTML 6Page - Advanced Micro Devices AM29SL160C Datasheet HTML 7Page - Advanced Micro Devices AM29SL160C Datasheet HTML 8Page - Advanced Micro Devices AM29SL160C Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21635
Rev: C Amendment/+3
Issue Date: November 1, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29SL160C
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 1.8 Volt-only Super Low Voltage Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Secured Silicon (SecSi) Sector: 256-byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: Customer may program own
custom data. Once locked, data cannot be changed
Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
Package options
— 48-ball FBGA
— 48-pin TSOP
Top or bottom boot block
Manufactured on 0.32 µm process technology
Compatible with JEDEC standards
— Pinout and software compatible with single-power-
supply flash standard
PERFORMANCE CHARACTERISTICS
High performance
— Access time as fast 90 ns
— Program time: 8 µs/word typical using Accelerate
Ultra low power consumption (typical values)
— 1 mA active read current at 1 MHz
— 5 mA active read current at 5 MHz
— 1 µA in standby or automatic sleep mode
Minimum 1 million erase cycles guaranteed per
sector
20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in
same bank
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to reading array data
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
Sector protection
— Hardware method of locking a sector, either in-
system or using programming equipment, to prevent
any program or erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com