Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 10 Page - ams AG

Part # AS1705
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 10 Page - ams AG

Back Button AS1705 Datasheet HTML 5Page - ams AG AS1705 Datasheet HTML 6Page - ams AG AS1705 Datasheet HTML 7Page - ams AG AS1705 Datasheet HTML 8Page - ams AG AS1705 Datasheet HTML 9Page - ams AG AS1705 Datasheet HTML 10Page - ams AG AS1705 Datasheet HTML 11Page - ams AG AS1705 Datasheet HTML 12Page - ams AG AS1705 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
Pin Descriptions and Assignments
8 Pinout and Packaging
8.1 Pin Descriptions and Assignments
Figure 6. Pin Assignment (Top View)
Table 5. Pin Descriptions – MSOP-10 Package
Pin
Name
Description
1
SHDN
Shutdown Input – The polarity of this pin is dependent on the state of pin SHDM.
2
IN-
Inverting Input.
3
SHDM
Shutdown-Mode Polarity Input – Controls the polarity of SHDN. Connect this pin
high for an active-high SHDN input. Connect this pin low for an active-low SHDN
input (see Table 4 on page 5).
4
IN+
Non-Inverting Input
5
BIAS
DC Bias Bypass
6
OUT-
Bridge Amplifier Negative Output
7
GND
Ground
8
N/C
Not connected. No internal connection.
9VCC
Power Supply
10
OUT+
Bridge Amplifier Positive Output
1
2
3
4
10
9
8
7
SHDN
IN-
SHDM
IN+
OUT+
VCC
N/C
GND
AS1702
AS1703
AS1704
AS1705
5
BIAS
6
OUT-
MSOP-10 Package
(3mmx3mmx0.8mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com