Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL640D120WHEN Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29DL640D120WHEN
Description  64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D120WHEN Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29DL640D120WHEN Datasheet HTML 4Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 5Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 6Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 7Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 8Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 9Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 10Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 11Page - Advanced Micro Devices AM29DL640D120WHEN Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
October 7, 2004
Am29DL640D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL640D
90
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WH
=
63-Ball Fine-Pitch Ball Grid Array,
0.80 mm pitch, 12 x 11 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29DL640D
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
Am29DL640D90
EI
Am29DL640D120
EI, EE
Valid Combinations for BGA Packages
Order Number
Package Marking
Am29DL640D90
WHI
D640D90V
I
Am29DL640D120
WHI,
WHE
D640D12V
I, E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com