Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DS163DB100WAF Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29DS163DB100WAF
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DB100WAF Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29DS163DB100WAF Datasheet HTML 42Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 43Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 44Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 45Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 46Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 47Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 48Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 49Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 50Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
46
Am29DS163D
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
Alternate CE# Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See “Erase And Programming Performance” on page 48 for more information.
Parameter
100
120
JEDEC
Std
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
100
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
50
ns
tDVEH
tDS
Data Setup Time
Min
50
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
50
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Byte
Typ
9
µs
Word
Typ
13
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
2
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com