Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  L1CU-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB198 LUXEON CZ Color Line
Product Brief 20180226
©2018 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds
Holding B.V. in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any other damages,
direct, indirect or consequential, resulting from the use of the provided information and data. Although Lumileds
Holding B.V. and/or its affiliates have attempted to provide the most accurate information and data, the materials
and services information and data are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants
or guarantees the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer and user agree-
ment with the download or use of the provided materials, information and data. A listing of Lumileds product/
patent coverage may be accessed at lumileds.com/patents.
Notes:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Mechanical Dimensions for LUXEON CZ Color Line.
LUXEON CZ Colors product performance at 350mA, T
j=85ºC.
Color
domInant or
PEaK WaVElEnGtH ranGE [1] (nm)
lumInous FluX (lm) or
radIomEtrIC PoWEr [2] (mW)
Part
numBEr
mInImum
maXImum
mInImum
tyPICal
Red
624
634
20
31
L1CU-RED1000000000
Red-Orange
614
624
30
37
L1CU-RNG1000000000
Amber
585
600
10
15
L1CU-AMB1000000000
PC Amber
–
–
65
78
L1CU-PCA1000000000
Mint
–
–
120
132
L1CU-MNT1000000000
Green
520
540
80
99
L1CU-GRN1000000000
Cyan
490
510
60
73
L1CU-CYN1000000000
Blue
465
485
25
33
L1CU-BLU1000000000
Royal Blue
440
460
400
425
L1CU-RYL1000000000
Notes:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements. PC Amber is binned by chromaticity coordinates. Royal Blue is binned by peak wavelength. All other colors are
binned by dominant wavelength.
2. Royal Blue is binned my radiometric power. All other colors are binned by luminous flux.
LUXEON CZ White product performance at 350mA, T
j=85°C.
nomInal
CCt
mInImum
CrI
lumInous FluX (lm)
tyPICal
lumInous EFFICaCy
(lm/W)
Part
numBEr
mInImum
tyPICal
4000K
70
100
109
113
L1CU-4070000000000
5000K
70
100
109
113
L1CU-5070000000000
5700K
70
100
110
113
L1CU-5770000000000
3000K
80
90
95
99
L1CU-3080000000000
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux and ±2 on CRI measurements for these products.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com