Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2077FS Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2077FS
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077FS Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2077FS Datasheet HTML 1Page - Cypress Semiconductor CY2077FS Datasheet HTML 2Page - Cypress Semiconductor CY2077FS Datasheet HTML 3Page - Cypress Semiconductor CY2077FS Datasheet HTML 4Page - Cypress Semiconductor CY2077FS Datasheet HTML 5Page - Cypress Semiconductor CY2077FS Datasheet HTML 6Page - Cypress Semiconductor CY2077FS Datasheet HTML 7Page - Cypress Semiconductor CY2077FS Datasheet HTML 8Page - Cypress Semiconductor CY2077FS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY2077
Document #: 38-07210 Rev. *B
Page 2 of 13
Functional Description
The CY2077 is an EPROM-programmable, high-accuracy,
general-purpose, PLL-based design for use in applications
such as modems, disk drives, CD-ROM drives, video CD
players,
DVD
players,
games,
set-top
boxes,
and
data/telecommunications.
The CY2077 can generate a clock output up to 133 MHz at 5V
or 100 MHz at 3.3V. It has been designed to give the customer
a very accurate and stable clock frequency with little to zero
PPM error. The CY2077 contains a 12-bit feedback counter
divider and 10-bit reference counter divider to obtain a very
high resolution to meet the needs of stringent design specifi-
cations. Furthermore, there are eight output divide options of
/1, /2, /4, /8, /16, /32, /64, and /128. The output divider can
select between the PLL and crystal oscillator output/external
clock, providing a total of 16 different options to add more flexi-
bility in designs. TTL or CMOS duty cycles can be selected.
Power management with the CY2077 is also very flexible. The
user may choose either a PWR_DWN or an OE feature with
which both have integrated pull-up resistors. PWR_DWN and
OE signals can be programmed to have asynchronous and
synchronous timing with respect to the output signal. There is
a weak pull-down on the output that will pull CLKOUT LOW
when either the PWR_DWN or OE signal is active. This weak
pull-down can easily be overridden by another clock signal in
designs where multiple clock signals share a signal path.
Multiple options for output selection, better power distribution
layout, and controlled rise and fall times enable the CY2077 to
be used in applications that require low jitter and accurate
reference frequencies.
EPROM Configuration Block
Table 1 summarizes the features configurable by EPROM.
PLL Output Frequency
The CY2077 contains a high-resolution PLL with 12-bit multi-
plier and 10-bit divider.[2] The output frequency of the PLL is
determined by the following formula:
where P is the feedback counter value and Q is the reference
counter value. P and Q are EPROM programmable values.
The calculation of P and Q values for a given PLL output
frequency is handled by the CyClocks
 software. Refer to the
“Custom Configuration Request Procedure” section for details.
Power Management Features
PWR_DWN and OE options are configurable by EPROM
programming for the CY2077. In PWR_DWN mode, all active
circuits are powered down when the control pin is set LOW.
When the control pin is set back HIGH, both the PLL and oscil-
lator circuit must re-lock. In the case of OE, the output is
three-stated and weakly pulled down when the control pin is
set LOW. The oscillator and PLL are still active in this state,
which leads to a quick clock output return when the control pin
is set back HIGH.
Additionally, PWR_DWN and OE can be configured to occur
asynchronously or synchronously with respect to CLKOUT. In
asynchronous mode, PWR_DWN or OE disables CLKOUT
immediately (allowing for logic delays), without respect to the
current state of CLKOUT. Synchronous mode will prevent
output glitches by waiting for the next falling edge of CLKOUT
after PWR_DWN or OE becomes asserted. In either
asynchronous or synchronous setting, the output is always
enabled synchronously by waiting for the next falling edge of
CLKOUT.
Table 1. EPROM Adjustable Features
EPROM Adjustable Features
Adjust
Freq.
Feedback counter value (P)
Reference counter value (Q)
Output divider selection
Duty cycle levels (TTL or CMOS)
Power management mode (OE or PWR_DWN)
Power management timing (synchronous or asynchronous)
F
PLL
2P
5
+
()
•
Q2
+
()
---------------------------
F
REF
•
=
Pin Summary
Pin Name
Pin #
Pin Description
VDD
1
Voltage supply.
VSS
5,6,7
Ground (all the pins have to be grounded).
XD
2
Crystal output (leave this pin floating when external reference is used).
XG
3
Crystal input or external input reference.
PWR_DWN / OE 4
EPROM programmable power-down or output enable pin. Weak pull-up.
CLKOUT
8
Clock output. Weak pull-down.
Note:
2.
When using CyClocks, please note that the PLL frequency range is from 50 MHz to 250 MHz for 5V VDD supply, and 50 MHz to 180 MHz for 3V VDD supply.
The output frequency is determined by the selected output divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com