Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS2000
Description  New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000 Datasheet(HTML) 1 Page - Cirrus Logic

  CS2000 Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS2000
Cirrus Logic, Inc. · 2901 Via Fortuna · Austin TX 78746 USA · T 512-851-4000 · T 800-888-5016 · F 512-851-4977
Product Bulletin 0201-0807-PB © 2007 Cirrus Logic, Inc. All rights reserved. Product information is subject to change without notice. Cirrus Logic, Cirrus, and the Cirrus Logic logo
designs are trademarks of Cirrus Logic, Inc. Other brand and product names may be trademarks or service marks of their respective owners.
CS2000 Features
High-performance analog/digital phase
locked loop
Clock multiplier/jitter reduction
Generates a low-jitter 6 – 75 MHz output
clock from a jittery or intermittent 50 Hz
to 30 MHz clock source
Clock generation/frequency synthesis
Generates a low-jitter 6 – 75 MHz clock
relative to 8 – 75 MHz reference clock
Highly accurate PLL multiplication factor
Less than 1 PPM error
Flexible control options
One-time-programmable configuration
for hardware mode
I2C® / SPI™ control port
Configurable auxiliary output
Buffered reference clock
PLL Lock indication
Second PLL output
Buffered version of CLK_IN
Flexible sourcing of reference clock
External oscillator or clock source
Supports inexpensive local crystal
Minimal board space required
No external analog loop-filter
components required
Packaged in a 10-pin MSOP
CS2300 has internal LCO for reference clock
CS2200 is a subset and consists
of clock generation
CS2100 is a subset and consists
of clock multiplication
Featuring both a clock generator and
clock multiplier/jitter reduced clock
frequency synthesizer (clean up), Cirrus
Logic’s CS2000 is a strong entrant into
the clocking IC market. Based on a
unique hybrid analog-to-digital phase
lock loop, the CS2000 gives system
designers a unique solution for solving the
complex challenges of clock generation
and multiplication/jitter reduction.
The members of the CS2000 product
family are differentiated by the method
of control and/or a hardware mode
configuration. The CS2000-CP is
controlled via an I2C® / SPI™ control port
and supports the full functionality of the
CS2000. The CS2000-OTP is controlled in
hardware mode via three mode pins. The
functionality of the eight selectable modes
is user defined and configured via the
one-time-programmable feature.
The CS2xxx is a growing family of
products based on the CS2000-OTP
and configured by Cirrus Logic to
support common system requirements.
Please contact Cirrus Logic for factory
configuration of the CS2000-OTP to
support your unique requirements.
3 mm
CS2000
10-pin MSOP dimensions
3 mm
CS2000
www.cirrus.com
Applications
Audio/Video Receivers
Digital Mixing Consoles
Outboard A/D and D/A converters
Digital Effects Processors
Camcorders
Satellite Radio Systems
New Clocking Family Offers System Flexibility,
Lower Cost, and Easier System Design


Similar Part No. - CS2000

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
1Mb / 37P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP-CZZ CIRRUS-CS2000-CP-CZZ Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP-CZZR CIRRUS-CS2000-CP-CZZR Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS2000

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6646B AAEON-AEC-6646B Datasheet
352Kb / 2P
fanless system design
logo
Keysight Technologies
W2305EP KEYSIGHT-W2305EP Datasheet
2Mb / 16P
Advanced Design System
W2306EP KEYSIGHT-W2306EP Datasheet
2Mb / 16P
Advanced Design System
W2319EP KEYSIGHT-W2319EP Datasheet
2Mb / 16P
Advanced Design System
W2362EP KEYSIGHT-W2362EP Datasheet
2Mb / 16P
Advanced Design System
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17516 MAXIM-MAXM17516 Datasheet
569Kb / 14P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17545 MAXIM-MAXM17545 Datasheet
948Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 0; 11/14
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com