Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW048BL70ZB8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M69AW048BL70ZB8
Description  32 Mbit (2M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW048BL70ZB8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M69AW048BL70ZB8 Datasheet HTML 9Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 10Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 11Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 12Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 13Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 14Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 15Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 16Page - STMicroelectronics M69AW048BL70ZB8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
M69AW048B
Table 9. Capacitance
Table 10. DC Characteristics
Note: 1. Maximum DC voltage on input and I/O pins is VCC +0.2V.
During voltage transitions, input may positive overshoot to VCC + 1.0V for a period of up to 5ns.
2. Minimum DC voltage on input or I/O pins is –0.3V.
During voltage transitions, input may positive overshoot to VSS + 1.0V for a period of up to 5ns.
Symbol
Parameter
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
5pF
COUT
Output Capacitance
VOUT = 0V
8pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ICC1
VCC Active Current
VCC = 3.3V,
VIN = VIH or VIL,
E1 = VIL and E2 = VIH,
IOUT = 0mA
tRC / tWC =
minimum
30
mA
ICC2
tRC / tWC =
1 µs
3mA
ICC3
VCC Page Read Current
VCC = 3.3V,
VIN = VIH or VIL,
E1 = VIL and E2 = VIH,
IOUT = 0mA, tPRC = min.
10
mA
ICCPD
VCC Power Down Current
VCC = 3.3V,
VIN = VIH or VIL,
E2
≤ 0.2V
Deep
Power-
Down
10
µA
ICCP4
4 Mb PAR
40
µA
ICCP8
8 Mb PAR
50
µA
ICCP16
16 Mb PAR
65
µA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
–1
1
µA
ISB
Standby Supply Current CMOS
VCC = 3.3V,
VIN ≤ 0.2V or VIN ≥ VCC –0.2V,
E1 = E2
≥ VCC –0.2V
100
µA
VIH
(1)
Input High Voltage
0.8VCC
VCC + 0.2
V
VIL
(2)
Input Low Voltage
–0.3
0.2VCC
V
VOH
Output High Voltage
VCC = 2.7V, IOH = –0.5mA
2.4
V
VOL
Output Low Voltage
IOL = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com