Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAM67B Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LAM67B
Description  Mini TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAM67B Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LAM67B Datasheet HTML 5Page - OSRAM GmbH LAM67B Datasheet HTML 6Page - OSRAM GmbH LAM67B Datasheet HTML 7Page - OSRAM GmbH LAM67B Datasheet HTML 8Page - OSRAM GmbH LAM67B Datasheet HTML 9Page - OSRAM GmbH LAM67B Datasheet HTML 10Page - OSRAM GmbH LAM67B Datasheet HTML 11Page - OSRAM GmbH LAM67B Datasheet HTML 12Page - OSRAM GmbH LAM67B Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LA M67B
9 Version 1.2 | 2018-04-16
0
20
40
60
80
100
Ta [°C]
0
10
20
30
40
50
ΙF [mA]
: TA
Max. Permissible Forward Current
I
F = f(T)
10-5 10-4 10-3 0,01 0,1 1
10
Pulse Time tp [s]
0,04
0,05
0,06
0,07
0,08
0,09
0,10
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
10-5 10-4 10-3 0,01 0,1 1
10
Pulse Time tp [s]
0,050
0,055
0,060
0,065
0,070
0,075
0,080
0,085
0,090
0,095
0,100
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com