Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAM67F Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LAM67F
Description  Mini TOPLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAM67F Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LAM67F Datasheet HTML 5Page - OSRAM GmbH LAM67F Datasheet HTML 6Page - OSRAM GmbH LAM67F Datasheet HTML 7Page - OSRAM GmbH LAM67F Datasheet HTML 8Page - OSRAM GmbH LAM67F Datasheet HTML 9Page - OSRAM GmbH LAM67F Datasheet HTML 10Page - OSRAM GmbH LAM67F Datasheet HTML 11Page - OSRAM GmbH LAM67F Datasheet HTML 12Page - OSRAM GmbH LAM67F Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LA M67F
9 Version 1.5 | 2018-04-13
OHL04419
-40˚C
j
T
-20 0 20 40 60 80
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
I (25 ˚C)
I
V
V
Relative Luminous Intensity 7)
I
v/Iv(25 °C) = f(Tj); IF = 20 mA
-40
-0.15
˚C
Tj
OHL04417
V
F
V
-20 0 20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.15
0.25
Forward Voltage 7)
V
F = VF - VF(25 °C) = f(Tj); IF = 20 mA
OHL04422
-6
∆λdom
nm
j
T
-4020
0
-2080
60
40
˚C 120
-4
-2
0
2
4
6
8
Dominant Wavelength 7)
λ
dom = f(Tj); IF = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com