Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAT676 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LAT676
Description  LA T676 specified at 2mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAT676 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LAT676 Datasheet HTML 7Page - OSRAM GmbH LAT676 Datasheet HTML 8Page - OSRAM GmbH LAT676 Datasheet HTML 9Page - OSRAM GmbH LAT676 Datasheet HTML 10Page - OSRAM GmbH LAT676 Datasheet HTML 11Page - OSRAM GmbH LAT676 Datasheet HTML 12Page - OSRAM GmbH LAT676 Datasheet HTML 13Page - OSRAM GmbH LAT676 Datasheet HTML 14Page - OSRAM GmbH LAT676 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LA T676 specified at 2mA
11 Version 1.2 | 2018-01-26
Dimensional Drawing 9)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Approximate Weight:
34.0 mg
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter then IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com