Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP3W01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAP3W01
Description  OSRAM OSTAR Projection Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W01 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAP3W01 Datasheet HTML 1Page - OSRAM GmbH LEAP3W01 Datasheet HTML 2Page - OSRAM GmbH LEAP3W01 Datasheet HTML 3Page - OSRAM GmbH LEAP3W01 Datasheet HTML 4Page - OSRAM GmbH LEAP3W01 Datasheet HTML 5Page - OSRAM GmbH LEAP3W01 Datasheet HTML 6Page - OSRAM GmbH LEAP3W01 Datasheet HTML 7Page - OSRAM GmbH LEAP3W01 Datasheet HTML 8Page - OSRAM GmbH LEAP3W01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.0
LE A P3W 01
2016-06-06
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 19
Dominant Wellenlängengruppen 2) Seite 19
Group
Luminous Flux 1) page 19
Luminous Flux 1) page 19
Gruppe
Lichtstrom 1) Seite 19
Lichtstrom 1) Seite 19
(min.) Φ
V [lm]
(max.) Φ
V [lm]
TX
2800
3300
TY
3300
3900
TZ
3900
4500
UX
4500
5200
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
612
618
3
618
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com