Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM0508A/3 Datasheet(PDF) 2 Page - Lumberg

Part # TM0508A/3
Description  Miniature circular connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

TM0508A/3 Datasheet(HTML) 2 Page - Lumberg

  TM0508A/3 Datasheet HTML 1Page - Lumberg TM0508A/3 Datasheet HTML 2Page - Lumberg TM0508A/3 Datasheet HTML 3Page - Lumberg TM0508A/3 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
01 TM 0508 A
12/2017
2
Printed circuit board layouts, solder side view
TM 0508 A/5
TM 0508 A/6
TM 0508 A/7
TM 0508 A/8
TM 0508 A/3
TM 0508 A/4
Pin configuration
TM 0508 A/3 TM 0508 A/4 TM 0508 A/5 TM 0508 A/6 TM 0508 A/7 TM 0508 A/8
Environmental conditions
Temperature range
-25 °C/+80 °C
Materials
Insulating body
PBT, V-0 according to UL94
Contact bush
Cu alloy, silver-plated/nickel-
plated/tin-plated
Housing
CuZn, tin-plated
Cover
PBT, V-0 according to UL94
Mechanical data
Mating cycles
≥ 1000
Insertion force
9,8–49 N 1
Withdrawal force
7,8–34,3 N 1
1
± 30 % after test
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 30 mΩ
Rated current
≤ 1 A AC
≤ 2 A DC
Rated voltage
≤ 100 V AC
≤ 12 V DC
Rated impulse voltage
250 V AC/60 s
Insulation resistance
≥ 50 MΩ
Associated products
Counterparts
�
MP-371
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com