Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAQ9WM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEAQ9WM
Description  OSRAM OSTAR Projection Compact
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAQ9WM Datasheet(HTML) 1 Page - OSRAM GmbH

  LEAQ9WM Datasheet HTML 1Page - OSRAM GmbH LEAQ9WM Datasheet HTML 2Page - OSRAM GmbH LEAQ9WM Datasheet HTML 3Page - OSRAM GmbH LEAQ9WM Datasheet HTML 4Page - OSRAM GmbH LEAQ9WM Datasheet HTML 5Page - OSRAM GmbH LEAQ9WM Datasheet HTML 6Page - OSRAM GmbH LEAQ9WM Datasheet HTML 7Page - OSRAM GmbH LEAQ9WM Datasheet HTML 8Page - OSRAM GmbH LEAQ9WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-09-15
1
2017-09-15
OSRAM OSTAR Projection Compact
Datasheet
Discontinued
LE A Q9WM
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
Package: compact lightsource in SMT technology
with glass window on top
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
Technology: InGaAlP
Technologie: InGaAlP
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: amber (617 nm)
Farbe: amber (617 nm)
Applications
Anwendungen
Projection
Projektion
Headup Display
Headup Display


Similar Part No. - LEAQ9WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ9WM-HYJY-1 OSRAM-LEAQ9WM-HYJY-1 Datasheet
704Kb / 21P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LEAQ9WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
OSRAM OSTAR Projection Compact
LERQ8WP OSRAM-LERQ8WP Datasheet
860Kb / 23P
OSRAM OSTAR Projection Compact
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com