Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL254 Datasheet(PDF) 101 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 101 Page - SPANSION

Back Button S71PL254 Datasheet HTML 97Page - SPANSION S71PL254 Datasheet HTML 98Page - SPANSION S71PL254 Datasheet HTML 99Page - SPANSION S71PL254 Datasheet HTML 100Page - SPANSION S71PL254 Datasheet HTML 101Page - SPANSION S71PL254 Datasheet HTML 102Page - SPANSION S71PL254 Datasheet HTML 103Page - SPANSION S71PL254 Datasheet HTML 104Page - SPANSION S71PL254 Datasheet HTML 105Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 196 page
background image
May 3, 2004 pSRAM_Type02_15A0
Type 2 pSRAM
101
Advance
I n f o rmatio n
Capacitance (Ta = 25°C, f = 1 MHz)
Note: This parameter is sampled periodically and is not 100% tested.
DC and Operating Characteristics
Common
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
—
8
pF
COIO
Input/Output Capacitance
VOUT = 0V
—
10
pF
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-1
—
1
µA
Output Leakage Current
ILO
CS1#=VIH or CS2=VIL or OE#=VIH or WE#=VIL or
LB#=UB#=VIH, VIO=VSS to VCC
-1
—
1
µA
Output Low Voltage
VOL
IOL=2.1mA
—
—
0.4
V
Output High Voltage
VOH
IOH=-1.0mA
2.4
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com