Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL254 Datasheet(PDF) 1 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 1 Page - SPANSION

  S71PL254 Datasheet HTML 1Page - SPANSION S71PL254 Datasheet HTML 2Page - SPANSION S71PL254 Datasheet HTML 3Page - SPANSION S71PL254 Datasheet HTML 4Page - SPANSION S71PL254 Datasheet HTML 5Page - SPANSION S71PL254 Datasheet HTML 6Page - SPANSION S71PL254 Datasheet HTML 7Page - SPANSION S71PL254 Datasheet HTML 8Page - SPANSION S71PL254 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 196 page
background image
Publication Number S71PL254/127/064/032J_00
Revision A Amendment 6 Issue Date November 22, 2004
ADVANCE
S71PL254/127/064/032J based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
256M/128/64/32 Megabit (16/8/4/2M x 16-bit) CMOS 3.0 Volt-only
Simultaneous Operation Page Mode Flash Memory and
64/32/16/8/4 Megabit (4M/2M/1M/512K/256K x 16-bit) Static
RAM/Pseudo Static RAM
Datasheet
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 to 3.1 volt
High performance
—55 ns
— 65 ns (65 ns Flash, 70ns pSRAM)
Packages
— 7 x 9 x 1.2mm 56 ball FBGA
— 8 x 11.6 x 1.2mm 64 ball FBGA
— 8 x 11.6 x 1.4mm 84 ball FBGA
Operating Temperature
— –25°C to +85°C
— –40°C to +85°C
General Description
The S71PL series is a product line of stacked Multi-Chip Product (MCP) packages
and consists of:
One or more S29PL (Simultaneous Read/Write) Flash memory die
pSRAM or SRAM
The 256Mb Flash memory consists of two S29PL127J devices. In this case, CE#f2
is used to access the second Flash and no extra address lines are required.
The products covered by this document are listed in the table below:
Note: Not recommended for new designs; use pSRAM based MCPs instead.
Flash Memory Density
32Mb
64Mb
128Mb
256Mb
pSRAM
Density
4Mb
S71PL032J40
8Mb
S71PL032J80
S71PL064J80
16Mb
S71PL032JA0
S71PL064JA0
S71PL127JA0
32Mb
S71PL064JB0
S71PL127JB0
S71PL254JB0
64Mb
S71PL127JC0
S71PL254JC0
Flash Memory Density
32Mb
64Mb
SRAM Density (Note)
4Mb
S71PL032J04
8Mb
S71PL032J08
S71PL064J08


Similar Part No. - S71PL254

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL254J04BAW0Z0 SPANSION-S71PL254J04BAW0Z0 Datasheet
460Kb / 24P
Based MCPs
S71PL254J04BAW0Z2 SPANSION-S71PL254J04BAW0Z2 Datasheet
460Kb / 24P
Based MCPs
S71PL254J04BAW0Z3 SPANSION-S71PL254J04BAW0Z3 Datasheet
460Kb / 24P
Based MCPs
S71PL254J04BAW9Z0 SPANSION-S71PL254J04BAW9Z0 Datasheet
460Kb / 24P
Based MCPs
S71PL254J04BAW9Z2 SPANSION-S71PL254J04BAW9Z2 Datasheet
460Kb / 24P
Based MCPs
More results

Similar Description - S71PL254

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL064A SPANSION-S71GL064A Datasheet
2Mb / 134P
STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com