Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP821 Datasheet(PDF) 2 Page - Caddock Electronics, Inc.

Part # MP821
Description  TO-220 Style and TO-126 Style - Non-Inductive Designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MP821 Datasheet(HTML) 2 Page - Caddock Electronics, Inc.

  MP821 Datasheet HTML 1Page - Caddock Electronics, Inc. MP821 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003-2017 Caddock Electronics, Inc.
28_IL103.0717
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
DIMENSIONS IN INCHES AND (MILLIMETERS)
.640 ±.010
(16.26 ±.26)
.030 ±.004
(.76 ± .10)
.025 ± .004
(.64 ±.10)
.200 ±.010
(5.08 ±.26)
.500 ±.050
(12.70 ±1.27)
.130 ±.030
(3.30 ±.76)
.125 ±.010
(3.18 ±.26)
.410 ±.010
(10.41 ±.26)
MP850
10.0
1%
.125 ±.010
(3.18 ±.26)
.125 ±.004
(3.18 ±.10) DIA.
CL
.053 ± .007
(1.35 ± .18)
.070 ±.010
(1.78 ±.26)
Figure 2
TO-126 Style
MP825
Figure 1
Metal Tab
TO-220 Style
MP820 and MP821
MP820
50.0
1%
.540 ±.040
(13.72 ±1.02)
CL
.117 ±.003
(2.97 ±.08)
.240 ±.010
(6.10 ±.26)
.400 ±.010
(10.16 ±.26)
.200 ±.010
(5.08 ±.26)
.032 ± .004 DIA.
(.81 ± .10)
.175 ±.015
(4.45 ±.38)
.052 ±.003
(1.32 ±.08)
.580 ±.010
(14.73 ±.26)
.097 ±.010
(2.46 ±.26)
.142 ±.003
(3.61 ±.08) DIA.
Figure 3
TO-220 Style
MP850
All power and associated overload ratings are derated
based upon case temperature using the derating curve.
The case temperature is measured at the center of the
metal mounting surface, with the part properly mounted
and under electrical load. Without a heat sink, when in
free air at +25°C, the MP820, MP821, and MP850 are
rated for 2.25 watts, the MP825 is rated for 1.25 watts.
The thermal design should satisfy the following equation:
Case Temperature (Tc) + [Thermal Resistance (RθJC) x power applied (Watts)] ≤ TMAX considering the full
operating temperature range of the application.
Mounting Note: Mount on a smooth, clean and flat heat sink surface with a thermal interface material, such
as thermal grease. The entire exposed metal backface portion must be in thermal contact with the heat sink.
When screw mounting, use a compression washer which provides a mounting force of 150 to 300 pounds
(665 to 1330 N). This will provide sufficient pressure on the package over time and through large temperature
variations to maintain the maximum power dissipation capability. Mounting torque to avoid package damage
is 8 in-lbs (0.90 N-m). If a spring clip is used, a clip force of 8 to 30 pounds (35 to 130 N) is recommended to
be applied to the center of the package. The clip should be round or smooth in the contact area to avoid
concentrating the load on a small point of the plastic body of the package. Another mounting option is to use
a pressure bar method which can achieve a greater mounting force with a greater contact area.
For additional applications information regarding mounting and pulse handling see the Caddock
Applications Notes at caddock.com or contact Applications Engineering.
*DeratingUsingCaseTemperature(TC):
Derating Curve
MP821
MP820
Model
No.
Comments
Integral Metal Mounting Surface
in Molded Package
MP850
Integral Metal Mounting Surface
in Molded Package
MP825
Metal Mounting Tab
Metal Mounting Tab
TO-220 Style
TO-220 Style
Package
TO-220 Style
TO-126 Style
0.020 Ω
9.99 Ω
10.0 Ω
10.0 K
Min.
Max.
Resistance
0.20 Ω
10.0 K
0.020 Ω
10.0 K
20 Watts
*
20 Watts
*
Power
Rating
50 Watts
*
25 Watts
*
Max.Vo
ltage
Power
Limited
300
300
300
Thermal Resistance
RθJC
Film (J) to Case (C)
7.50°C/Watt
5.00°C/Watt
2.50°C/Watt
7.50°C/Watt
175°C
Figure 1
Figure 1
Dimensions
Figure 3
Figure 2
Max. Temp.
T MAX
175°C
150°C
150°C
+
.030 ±.004
(.76 ± .10)
.023 ± .004
(.58 ±.10)
.200 ±.010
(5.08 ±.26)
.450 ±.050
(11.43 ±1.27)
.115 ±.010
(2.92 ±.26)
MP825
0.10 Ω
1%
.110 ±.010
(2.79 ±.26)
.053 ± .007
(1.35 ± .18)
.058 ±.007
(1.47 ±.18)
.320 ±.010
(8.12 ±.26)
.094 ±.004
(2.39 ±.10) DIA.
CL
.440 ±.010
(11.18 ±.26)
.080 ±.020
(2.03 ±.51)
Specifications:
Temperature Coefficient:
TC referenced to +25°C, ∆R taken at TMAX
5.00 ohms and above, -20 to +50 ppm/°C
0.50 ohm to 4.99 ohms, -20 to +80 ppm/°C
0.050 ohm to 0.49 ohm, 0 to +200 ppm/°C
0.020 ohm to 0.049 ohm, 0 to +300 ppm/°C
Operating Temperature: -55°C to TMAX
Inductance: 10nH typical in series when mea-
sured at a point 0.2 inches from the resistor body.
DWV: The dielectric strength rating of 1500 VrmsAC
is based upon connections made between
terminals shorted and either the metal surface the
part is mounted to or a metal clip in contact with the
top surface of the part.
Insulation Resistance: 10,000 Megohms, min.
The resistor element is electrically isolated from
the mounting surface.
Load Stability: 2,000 hours at rated power.
∆
R ±(1.0 percent + 0.001 ohm) max. Power rating
dependent upon case temperature. See derating
curve.
Momentary Overload:
MP820, MP821, MP850: 2 times rated power with
applied voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds.
∆
R ±(0.3 percent + 0.001 ohm) max.
MP825: 1.5 times rated power with applied
voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds.
∆
R ±(0.3 percent + 0.001 ohm) max.
Moisture Resistance: Mil-Std-202, Method 106.
∆
R ±(0.5 percent + 0.001 ohm) max.
Thermal Shock: Mil-Std-202, Method 107, Cond.
F. ∆R ±(0.3 percent + 0.001 ohm) max.
Shock: 100G, Mil-Std-202, Method 213, Cond. I.
∆
R ±(0.2 percent + 0.001 ohm) max.
Vibration, High Frequency: Mil-Std-202, Method
204, Cond. D. ∆R ±(0.2 percent + 0.001 ohm)
max.
Terminal Strength: Mil-Std-202, Method 211,
Cond. A (Pull Test) 5 lbs. ∆R ±(0.2 percent
+ 0.001 ohm) max.
Terminal Material: Solderable
Measurement Note: For these specifications,
resistance measurement shall be made at a point
0.2 inch (5.08 mm) from the resistor body.
100
175
0
20
40
100
80
60
150
A
B
25
A - MP825 / MP850 Max. Temperature, TMax = 150°C
B - MP820 / MP821 Max. Temperature, TMax = 175°C
CASE TEMPERATURE, °C
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com