Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNLS350Y Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DNLS350Y
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350Y Datasheet(HTML) 4 Page - Diodes Incorporated

  DNLS350Y Datasheet HTML 1Page - Diodes Incorporated DNLS350Y Datasheet HTML 2Page - Diodes Incorporated DNLS350Y Datasheet HTML 3Page - Diodes Incorporated DNLS350Y Datasheet HTML 4Page - Diodes Incorporated DNLS350Y Datasheet HTML 5Page - Diodes Incorporated DNLS350Y Datasheet HTML 6Page - Diodes Incorporated DNLS350Y Datasheet HTML 7Page - Diodes Incorporated DNLS350Y Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DNLS350Y
Document number: DS31208 Rev. 6 - 2
4 of 8
www.diodes.com
June 2017
© Diodes Incorporated
DNLS350Y
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Collector-Base Cutoff Current
ICBO


100
nA
 VCB = 50V, IE = 0
50
A
VCB = 50V, IE = 0, TA = +150°C
Emitter-Base Cutoff Current
IEBO
100
nA
VEB = 5V, IC = 0
Collector-Emitter Cutoff Current
ICES
100
nA
VCE = 50V, VBE = 0
Collector-Base Breakdown Voltage
BVCBO
50

V
IC = 100A
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
5

V
IE = 100A
ON CHARACTERISTICS (Note 10)
DC Current Gain
hFE
300
VCE = 2V, IC = 0.1A
300
VCE = 2V, IC = 0.5A
300
700
VCE = 2V, IC = 1A
200
VCE = 2V, IC = 2A
100
VCE = 2V, IC = 3A
Collector-Emitter Saturation Voltage
VCE(SAT)
38
80
mV
IC = 0.5A, IB = 50mA

70
160
IC = 1A, IB = 50mA

130
280
IC = 2A, IB = 100mA

124
260
IC = 2A, IB = 200mA

180
370
IC = 3A, IB = 300mA
Equivalent On-Resistance
RCE(SAT)
62
130
m
 IE = 2A, IB = 200mA
Base-Emitter Saturation Voltage
VBE(SAT)

1.1
V
IC = 2A, IB = 100mA

1.2
V
IC = 3A, IB = 300mA
Base-Emitter Turn-on Voltage
VBE(ON)

1.1
V
VCE = 2V, IC = 1A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
MHz
VCE = 5V, IC = 100mA,
f = 100MHz
Output Capacitance
Cobo
25
pF
VCB = 10V, f = 1MHz
Notes:
10. Measured under pulsed conditions. Pulse width = 300
s. Duty cycle 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com