Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST3946DPJ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DST3946DPJ
Description  40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST3946DPJ Datasheet(HTML) 2 Page - Diodes Incorporated

  DST3946DPJ_16 Datasheet HTML 1Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 2Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 3Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 4Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 5Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 6Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 7Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 8Page - Diodes Incorporated DST3946DPJ_16 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DST3946DPJ
Document number: DS32044 Rev. 3 - 2
2 of 9
www.diodes.com
March 2016
© Diodes Incorporated
DST3946DPJ
Absolute Maximum Ratings - NPN (Q1) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
200
mA
Absolute Maximum Ratings - PNP (Q2) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 5)
RJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Device mounted on FR-4 PCB with minimum recommended pad layout.
ESD Rating (Note 6)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Note:
6. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com