Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT751Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXT751Q
Description  60V PNP LOW SATURATION POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT751Q Datasheet(HTML) 2 Page - Diodes Incorporated

  DXT751Q Datasheet HTML 1Page - Diodes Incorporated DXT751Q Datasheet HTML 2Page - Diodes Incorporated DXT751Q Datasheet HTML 3Page - Diodes Incorporated DXT751Q Datasheet HTML 4Page - Diodes Incorporated DXT751Q Datasheet HTML 5Page - Diodes Incorporated DXT751Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DXT751Q
Document Number: DS39215 Rev: 1 - 2
2 of 6
www.diodes.com
November 2016
© Diodes Incorporated
DXT751Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-3
A
Peak Pulse Collector Current
ICM
-6
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
1
W
(Note 7)
2
Thermal Resistance, Junction to Ambient Air
(Note 6)
RθJA
125
C/W
(Note 7)
62.5
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
6.0
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Notes:
6. For a device surface mounted on 15mm x 15mm x 0.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is
measured when operating in steady state condition.
7. Same as note (5), except the device is mounted on 40mm x 40mm x 1.6mm FR4 PCB.
8. Thermal resistance from junction to solder-point (on the exposed collector pad).
Thermal Characteristics and Derating Information
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com