Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTF1N250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTF1N250
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF1N250 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTF1N250 Datasheet HTML 1Page - IXYS Corporation IXTF1N250 Datasheet HTML 2Page - IXYS Corporation IXTF1N250 Datasheet HTML 3Page - IXYS Corporation IXTF1N250 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
DS100222(12/09)
High Voltage
Power MOSFET
N-Channel Enhancement Mode
(Electrically Isolated Tab)
IXTF1N250
V
DSS
= 2500V
I
D25
= 1A
R
DS(on) ≤
≤≤≤≤ 40
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
2500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
2500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
1
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
6A
P
D
T
C = 25°C
110
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Force
20..120 / 4.5..27
Nm/lb.in.
V
ISOL
50/60Hz, 1min
2500
V~
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250µA
2500
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.0
4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = 0.8 • VDSS, VGS= 0V
25
µA
Note 2, T
J = 125°C
25
µA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
40
Ω
1 = Gate
5 = Drain
2 = Source
ISOPLUS i4-PakTM
Isolated Tab
1
5
2
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
2500V Electrical Isolation
Molding Epoxies meet UL 94 V-0
Flammability Classification
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits
Advance Technical Information


Similar Part No. - IXTF1N250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTF1N400 IXYS-IXTF1N400 Datasheet
152Kb / 4P
High Voltage Power MOSFET (Electrically Isolated Tab) N-Channel Enhancement Mode
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
High Voltage Power MOSFET
More results

Similar Description - IXTF1N250

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com