Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTF6N200P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF6N200P3
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF6N200P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF6N200P3 Datasheet HTML 1Page - IXYS Corporation IXTF6N200P3 Datasheet HTML 2Page - IXYS Corporation IXTF6N200P3 Datasheet HTML 3Page - IXYS Corporation IXTF6N200P3 Datasheet HTML 4Page - IXYS Corporation IXTF6N200P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTF6N200P3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 30V, ID = 3A, Note 1
4.5
7.5
S
C
iss
3700
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
236
pF
C
rss
104
pF
R
Gi
Gate Input Resistance
2.5

t
d(on)
28
ns
t
r
22
ns
t
d(off)
80
ns
t
f
46
ns
Q
g(on)
143
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 3A
21
nC
Q
gd
70
nC
R
thJC
0.58 °C/W
R
thCS
0.15
°C/W
Resistive Switching Times
V
GS = 10V, VDS = 500V, ID = 3A
R
G = 2 (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
6
A
I
SM
Repetitive, Pulse Width Limited by T
JM
24
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
520
ns
Q
RM
580
nC
I
RM
2.2
A
I
F = 3A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com