Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH1N250 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH1N250
Description  N-Channel Enhancement Mode Fast Intrinsic Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH1N250 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH1N250 Datasheet HTML 1Page - IXYS Corporation IXTH1N250 Datasheet HTML 2Page - IXYS Corporation IXTH1N250 Datasheet HTML 3Page - IXYS Corporation IXTH1N250 Datasheet HTML 4Page - IXYS Corporation IXTH1N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH1N250
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 50V, ID = 0.5A, Note 1
1.0
1.8
mS
C
iss
1660
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
77
pF
C
rss
23
pF
t
d(on)
69
ns
t
r
25
ns
t
d(off)
132
ns
t
f
39
ns
Q
g(on)
41
nC
Q
gs
V
GS = 10V, VDS = 600V, ID = 0.5A
8
nC
Q
gd
16
nC
R
thJC
0.50
°C/W
R
thCS
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
1.5
A
I
SM
Repetitive, Pulse Width Limited by T
JM
6
A
V
SD
I
F = 1A, VGS = 0V, Note 1
1.5
V
t
rr
I
F = 1A, -di/dt = 100A/μs, VR = 200V
2.5
μs
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1A
R
G = 5Ω (External)
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
e
∅ P
TO-247 (IXTH) Outline
1
2
3
Terminals: 1 - Gate
2 - Drain
3 - Source
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
*Additional provisions for lead to lead voltage isolation are required at V
DS > 1200V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com