Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 24LLC02A
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  24LLC02A Datasheet HTML 1Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 2Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 3Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 4Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 5Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 6Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 7Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 8Page - List of Unclassifed Manufacturers 24LLC02A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
24LLC02
VCC
WP
SCL
SDA
A0
A1
A2
VSS
NOTE:
The
24LLC02 is available in 8-pin DIP, SOP,TSSOP package.
Figure 1-2. Pin Assignment Diagram
Table 1-1.
24LLC02 Pin Descriptions
Name
Type
Description
Circuit
Type
A0, A1, A2
Input
Input pins for device address selection. To configure a device address,
these pins should be connected to the VCC or VSS of the device.
These pins are internally pulled down to VSS .
1
V SS
–
Ground pin.
–
SDA
I/O
Bi-directional data pin for the I
2C-bus serial data interface. Schmitt
trigger input and open-drain output. An external pull-up resistor must
be connected to VCC. Typical values for this pull-up resistor are 4.7 k Ω
(100 kHz) and 1 k
Ω (400 kHz).
3
SCL
Input
Schmitt trigger input pin for serial clock input.
2
WP
Input
Input pin for hardware write protection control. If you tie this pin to VCC,
the write function is disabled to protect previously written data in the
entire memory; if you tie it to VSS , the write function is enabled.
This pin is internally pulled down to VSS .
1
V CC
–
Single power supply.
–
NOTE : See the following page for diagrams of pin circuit types 1, 2, and 3.
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
3 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com