Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9876 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 2 Page - Analog Devices

  AD9876 Datasheet HTML 1Page - Analog Devices AD9876 Datasheet HTML 2Page - Analog Devices AD9876 Datasheet HTML 3Page - Analog Devices AD9876 Datasheet HTML 4Page - Analog Devices AD9876 Datasheet HTML 5Page - Analog Devices AD9876 Datasheet HTML 6Page - Analog Devices AD9876 Datasheet HTML 7Page - Analog Devices AD9876 Datasheet HTML 8Page - Analog Devices AD9876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. A
–2–
AD9876–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
OSCIN CHARACTERISTICS
Frequency Range
Full
II
10
64
MHz
Duty Cycle
Full
II
40
50
60
%
Input Capacitance
25
°C
III
3
pF
Input Impedance
25
°C
III
100
M
CLOCK OUTPUT CHARACTERISTICS
CLK A Jitter (fCLKA Derived from PLL)
25
°C
III
14
ps rms
CLK A Duty Cycle
25
°C
III
50
±5%
CLK B Jitter (fCLKB Derived from PLL)
25
°C
III
33
ps rms
CLK B Duty Cycle
25
°C
III
50
±5%
Tx CHARACTERISTICS
Tx Path Latency, 4
× Interpolation
Full
II
86
fDAC Cycles
Interpolation Filter Bandwidth (–0.1 dB)
4
× Interpolation, LPF
Full
II
13
MHz
2
× Interpolation, LPF
Full
II
26
MHz
TxDAC
Resolution
Full
II
12
Bits
Conversion Rate
Full
II
10
128
MHz
Full-Scale Output Current
Full
II
2
10
20
mA
Voltage Compliance Range
Full
II
–0.5
+1.5
V
Gain Error
Full
II
–5
±2+5
% FS
Output Offset (Single-Ended)
Full
II
0
2
5
µA
Differential Nonlinearity
Full
III
±1
LSB
Integral Nonlinearity
25
°C
III
±2
LSB
Output Capacitance
25
°C
III
5
pF
Phase Noise @ 1 kHz Offset, 10 MHz Signal
25
°C
III
–100
dBc/Hz
Signal-to-Noise and Distortion (SINAD)
10 MHz Analog Out AD9876 (20 MHz BW)
Full
I
62.5
65
dB
Wideband SFDR (to Nyquist, 64 MHz Max)
25
°C
III
5 MHz Analog Out
25
°C
III
80
dBc
10 MHz Analog Out
25
°C
III
74
dBc
Narrow-Band SFDR (3 MHz Window):
10 MHz Analog Out
25
°C
III
88
dBc
IMD (f1 = 6.9 MHz, f2 = 7.1 MHz)
25
°C
III
–80
dBFS
Rx PATH CHARACTERISTICS
Resolution
NA
NA
12
Bits
Conversion Rate
Full
II
7.5
64
MHz
Pipeline Delay, ADC Clock Cycles
NA
NA
5.5
Cycles
DC Accuracy
Differential Nonlinearity
Full
II
–1.0
±0.25
+1.0
LSB
Integral Nonlinearity
Full
II
–4.5
±0.5
+3.5
LSB
Dynamic Performance (ADC Clocked Direct)
(AIN = –0.5 dBFS, f = 5 MHz)
@ fOSCIN = 32 MHz
Signal-to-Noise and Distortion Ratio (SINAD)
Full
I
60.8
63.2
dB
Effective Number of Bits (ENOB)
Full
I
9.8
10.2
Bits
Signal-to-Noise Ratio (SNR)
25
°C
III
64
dB
Total Harmonic Distortion (THD)
25
°C
III
–70
dB
Spurious-Free Dynamic Range (SFDR)
25
°C
III
72
dB
Dynamic Performance (ADC Clocked, PLLB/2)
(AIN = –0.5 dBFS, f = 5 MHz)
@ FPLLB/2 = 50 MHz
Signal-to-Noise and Distortion Ratio (SINAD)
25
°C
III
56
dB
Effective Number of Bits (ENOB)
25
°C
III
9.3
Bits
Signal-to-Noise Ratio (SNR)
25
°C
III
59
dB
Total Harmonic Distortion (THD)
25
°C
III
–63
dB
Spurious-Free Dynamic Range (SFDR)
25
°C
III
68
dB
(VS = 3.3 V
10%, fOSCIN = 32 MHz, fDAC = 128 MHz, Gain = –6 dB, RSET = 4.02 k ,
100
DAC single-ended load, unless otherwise noted. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com