Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP572 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP572
Description  Ultrafast 3.3 V Single-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP572 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP572 Datasheet HTML 1Page - Analog Devices ADCMP572 Datasheet HTML 2Page - Analog Devices ADCMP572 Datasheet HTML 3Page - Analog Devices ADCMP572 Datasheet HTML 4Page - Analog Devices ADCMP572 Datasheet HTML 5Page - Analog Devices ADCMP572 Datasheet HTML 6Page - Analog Devices ADCMP572 Datasheet HTML 7Page - Analog Devices ADCMP572 Datasheet HTML 8Page - Analog Devices ADCMP572 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP572/ADCMP573
Preliminary Technical Data
Rev. PrB | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE
Propagation Delay
tPD
VCCI = 3.3 V, VOD = 200 mV
150
ps
VCCI = 3.3 V, VOD = 20 mV
165
ps
VCCI = 5.2 V, VOD = 200 mV
145
ps
Propagation Delay Tempco
∆t
PD
/dT
0.5
ps/°C
Prop Delay Skew—Rising Transition
to Falling Transition
VOD = 200 mV, 5 V/ns
10
ps
50 mV < VOD < 1.0 V, 5 V/ns
10
Overdrive Dispersion
10 mV < VOD < 1.0 V, 5 V/ns
15
ps
ps
Slew Rate Dispersion
2 V/ns to 10 V/ns
15
ps
Pulse Width Dispersion
100 ps to 5 ns
5
ps
VCCI = 3.3 V, 1 V/ns, VCM = 0 V
5
Duty Cycle Dispersion
VCCI = 5.2 V, 1 V/ns, VCM = 0 V
10
ps
Common-Mode Dispersion
VOD=0.4V, 0.0 V < VCM < 1.0 V
5
ps/V
Equivalent Input Bandwidth1
BWEQ
0.0 V to 400 mV input
tR = tF = 25 ps, 20/80
8.0
GHz
Toggle Rate
> 50% Output Swing
12.5
Gbps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns,
PRBS31−1 NRZ, 4 Gbps
10
ps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns,
PRBS31−1 NRZ, 10 Gbps
TBD
ps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns, 1.25 GHz
0.2
ps
Minimum Pulse Width
PWMIN
∆t
PD
/
∆PW < 5 ps
100
ps
Minimum Pulse Width
PWMIN
∆t
PD
/
∆PW < 10 ps
80
ps
Rise Time
tR
20/80
35
ps
Fall Time
tF
20/80
35
ps
POWER SUPPLY
Input Supply Voltage Range
VCCI
3.1
5.4
V
Output Supply Voltage Range
VCCO
3.1
5.4
V
Positive Supply Differential
VCCI
−VCCO
−0.2
+2.3
V
ADCMP572 (CML)
VCCI = 3.3 V, VCCO = 3.3 V,
terminate 50 Ω to VCCO
44
52
Positive Supply Current
IVCCI +
IVCCO
VCCI = 5.2 V, VCCO = 5.2 V,
terminate 50 Ω to VCCO
44
52
mA
VCCI = 3.3 V, VCCO = 3.3 V,
terminate 50 Ω to VCCO
145
160
Power Dissipation
PD
VCCI = 5.2 V, VCCO = 5.2 V,
terminate 50 Ω to VCCO
240
265
mW
ADCMP573 (RSPECL)
VCCI = 3.3 V, VCCO = 3.3 V,
50 Ω to VCCO − 2 V
66
74
Positive Supply Current
IVCCI +
IVCCO
VCCI = 5.2 V, VCCO = 5.2 V,
50 Ω to VCCO − 2V
68
76
mA
VCCI = 3.3 V, VCCO = 3.3 V,
50 Ω to VCCO − 2 V
145
160
Power Dissipation
PD
VCCI = 5.2 V, VCCO = 5.2 V,
50 Ω to VCCO − 2 V
175
195
mW
Power Supply Rejection—VCCI
PSRVCCI
VCCI = 3.3 V ±5%,
VCCO = 3.3 V
74
dB
1 Equivalent Input Bandwidth assumes a simple first-order response and is calculated with the following formula: BWEQ = 0.22/•(trCOMP2-trIN2), where trIN is the 20/80
transition time of a quasi-Gaussian signal applied to the comparator input and trCOMP is the effective transition time digitized by the comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com