Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANF Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANF
Description  Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANF Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANF Datasheet HTML 1Page - Wall Industries,Inc. LANF Datasheet HTML 2Page - Wall Industries,Inc. LANF Datasheet HTML 3Page - Wall Industries,Inc. LANF Datasheet HTML 4Page - Wall Industries,Inc. LANF Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev E
LAN F SERIES
Up to 1.8 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5V Nominal Input
4.5
5.5
VDC
12V Nominal Input
10.8
13.2
15V Nominal Input
13.5
16.5
24V Nominal Input
21.6
26.4
Input Filter
Pi Network
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
100% Full Load
±5
%
Line Regulation
Regulated
±0.3
%
Unregulated for 1% of Vin
1.2
Load Regulation
Regulated
±0.5
%
Unregulated 20% to 100% FL
10
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
50
mVp-p
Transient Response Setting Time
50% Load Step Change
350
uS
PROTECTION
Short Circuit Protection
Regulated Models
Continuous
Non-Regulated Models
Unregulated
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
85
ºC
Storage Temperature
-40
+100
ºC
Humidity
Non-Condensing
95
%
Cooling
Free Air Convection
MTBF
Unregulated, MIL-HDBK-217F @25ºC
2,500,000
Hours
Regulated, MIL-HDBK-217F @25ºC
1,500,000
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full Load, Nominal Input
100
KHz
Isolation Resistance
500VDC
1000
M
Ω
Isolation Voltage
Input to Output
Standard
500
VDC
“H” Suffix
3000
PHYSICAL SPECIFICATIONS
Weight
0.3oz (8.3g)
Dimensions (L x W x H)
1.25in x 0.34in x 0.57in
(31.8mm x 8.6mm x 14.5mm)
Case Material
DAP
SAFETY CHARACTERISTICS
Safety Approvals
UL 60950-1
NOTES
1.
All case and pin-to-case dimensions reference only unless otherwise noted.
2.
Models can either be regulated or non-regulated. Substitute “R” for “N” in last digits of part number to indicate regulated model. Please note that
LANFxx05ND and LANFxx09ND models cannot be regulated.
3.
Add “H” onto the end of LANF part number for 3000VDC isolation (Ex: LANF2415NH).
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com