Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DT60R Datasheet(PDF) 33 Page - SPANSION

Part # AM29PL320DT60R
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DT60R Datasheet(HTML) 33 Page - SPANSION

Back Button AM29PL320DT60R Datasheet HTML 29Page - SPANSION AM29PL320DT60R Datasheet HTML 30Page - SPANSION AM29PL320DT60R Datasheet HTML 31Page - SPANSION AM29PL320DT60R Datasheet HTML 32Page - SPANSION AM29PL320DT60R Datasheet HTML 33Page - SPANSION AM29PL320DT60R Datasheet HTML 34Page - SPANSION AM29PL320DT60R Datasheet HTML 35Page - SPANSION AM29PL320DT60R Datasheet HTML 36Page - SPANSION AM29PL320DT60R Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
October 2, 2003
Am29PL320D
31
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . -65°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
A9, OE#, ACC (Note 2) . . . . . . . . –0.5 V to +13.0 V
All other inputs (Note 1) . . . . . . . . . –0.5 V to +5.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During
voltage transitions, voltages on inputs or I/Os may
overshoot VSS to –2.0 V for periods of up to 20 ns.
Maximum DC voltage on output and I/Os is VCC + 0.5 V.
During voltage transitions I/Os may overshoot to VCC +
2.0 V for periods up to 20 ns.
2. Minimum DC input voltage on inputs A9, OE#, and ACC
is –0.5 V. During voltage transitions, A9 and OE# may
overshoot VSS to -2.0 V for periods of up to 20 ns.
Maximum DC input voltage on input A9, OE#, and ACC is
+13.0 V which may overshoot to 14.0 V for periods up to
20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
4. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the de-
vice at these or any other conditions above those indi-
cated in the operational sections of this data sheet is not
implied. Exposure of the device to absolute maximum rat-
ing conditions for extended periods may affect device re-
liability.
Figure 7.
Maximum Negative
Overshoot Waveform
Figure 8.
Maximum Positive Overshoot Waveform
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
VCC Supply Voltages
VCC for regulated voltage range. . . . . . . 3.0 V to 3.6 V
VCC for full voltage range . . . . . . . . . . . . 2.7 V to 3.6 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com