Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANEW
Description  2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANEW Datasheet HTML 1Page - Wall Industries,Inc. LANEW Datasheet HTML 2Page - Wall Industries,Inc. LANEW Datasheet HTML 3Page - Wall Industries,Inc. LANEW Datasheet HTML 4Page - Wall Industries,Inc. LANEW Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW Series
2 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
NOTES:
1. The LANEW Series requires a minimum 10% loading at the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specifications.
2. It will not damage the device without inserting external input capacitors. There is a smaller reflected ripple current when
a capacitor is put at the input. The capacitor recommended is “CHEMICON” LXZ series or equivalent for 05 & 12Vin and
“CHEMICON” KMF series or equivalent for 24 & 48Vin.
3. BELLCORE TR-NWT-000332. Case: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
4. The LANEW series meet EN55022 classes A with a filter at input. The filter capacitor recommended is same as Note 2.
5. Maximum value at nominal input voltage and full load.
6. Typical value at nominal input voltage and full load.
7. Test by minimum Vin and constant resistive load.
*Due to advances in technology, specifications are subject to change without notice.
Model Number
Input Range
Output
Voltage
Output Current
Input Current (5) Efficiency (6)
Capacitor (7)
Load max
Min. load
Full load
LANEW533R
5 VDC
(4.5 – 9 VDC)
3.3 VDC
50mA
500mA
540mA
65%
2200uF
LANEW505R
5 VDC
40mA
400mA
615mA
69%
1000uF
LANEW509R
9 VDC
22mA
222mA
596mA
71%
470uF
LANEW512R
12 VDC
17mA
167mA
588mA
72%
170uF
LANEW515R
15 VDC
13mA
134mA
582mA
73%
110uF
LANEW505RD
±5 VDC
±20mA
±200mA
645mA
66%
±470uF
LANEW512RD
±12 VDC
±8mA
±83mA
595mA
71%
±100uF
LANEW515RD
±15 VDC
±7mA
±67mA
598mA
71%
±47uF
LANEW1233R
12 VDC
(9 – 18 VDC)
3.3 VDC
50mA
500mA
202mA
72%
2200uF
LANEW1205R
5 VDC
40mA
400mA
234mA
75%
1000uF
LANEW1209R
9 VDC
22mA
222mA
222mA
79%
470uF
LANEW1212R
12 VDC
17mA
167mA
219mA
80%
170uF
LANEW1215R
15 VDC
13mA
134mA
220mA
80%
110uF
LANEW1205RD
±5 VDC
±20mA
±200mA
242mA
73%
±470uF
LANEW1212RD
±12 VDC
±8mA
±83mA
224mA
78%
±100uF
LANEW1215RD
±15 VDC
±7mA
±67mA
226mA
78%
±47uF
LANEW2433R
24 VDC
(18 – 36 VDC)
3.3 VDC
50mA
500mA
102mA
71%
2200uF
LANEW2405R
5 VDC
40mA
400mA
115mA
76%
1000uF
LANEW2409R
9 VDC
22mA
222mA
109mA
80%
470uF
LANEW2412R
12 VDC
17mA
167mA
109mA
80%
170uF
LANEW2415R
15 VDC
13mA
134mA
108mA
81%
110uF
LANEW2405RD
±5 VDC
±20mA
±200mA
117mA
75%
±470uF
LANEW2412RD
±12 VDC
±8mA
±83mA
112mA
78%
±100uF
LANEW2415RD
±15 VDC
±7mA
±67mA
110mA
80%
±47uF
LANEW4833R
48 VDC
(36 – 75 VDC)
3.3 VDC
50mA
500mA
52mA
70%
2200uF
LANEW4805R
5 VDC
40mA
400mA
60mA
74%
1000uF
LANEW4809R
9 VDC
22mA
222mA
56mA
78%
470uF
LANEW4812R
12 VDC
17mA
167mA
55mA
80%
170uF
LANEW4815R
15 VDC
13mA
134mA
55mA
79%
110uF
LANEW4805RD
±5 VDC
±20mA
±200mA
62mA
75%
±470uF
LANEW4812RD
±12 VDC
±8mA
±83mA
57mA
77%
±100uF
LANEW4815RD
±15 VDC
±7mA
±67mA
57mA
77%
±47uF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com