Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEUW2H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEUW2H
Description  2 Watts Maximum Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW2H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEUW2H Datasheet HTML 1Page - Wall Industries,Inc. LANEUW2H Datasheet HTML 2Page - Wall Industries,Inc. LANEUW2H Datasheet HTML 3Page - Wall Industries,Inc. LANEUW2H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
LANEUW2H Series
Single & Dual Outputs
4:1 Input Voltage Ranges
2 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
11/15/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: LANEUW2H Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
72
Input Filter
Capacitor type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Full load
-3
+3
%
Line Regulation
Regulated
-0.5
+0.5
%
Load Regulation
Regulated
-0.8
+0.8
%
Output Power
2
W
Output Current
See Table
Ripple & Noise (20MHz Bandwidth)
3.3VDC, 5VDC, & 9VDC output models
100
mVp-p
12VDC & 15VDC output models
1
% Vout
Transient Response Setting Time
25% load step change
350
µs
PROTECTION
Short Circuit Protection
continuous
GENERAL SPECIFICATIONS
Efficiency
Nominal Vin and full load
See Table
Switching Frequency
Full load, nominal input
200
KHz
Isolation Voltage (Input to Output)
3000
VDC
Isolation Resistance
500VDC
1000
M
Ω
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-40
+85
°C
Relative Humidity (non-condensing)
95
% RH
Cooling
Free air convection
MTBF
MIL-HDBK-217F at 25°C
1,500,000 hours
PHYSICAL SPECIFICATIONS
Case Material
DAP
Weight
0.16oz (4.5g)
Dimensions (L x W x H)
0.86 x 0.36 x 0.44 inches (21.8 x 9.2 x 11.1 mm)
*Due to advances in technology, specifications are subject to change without notice.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency
Output Power
LANEUW2433R2H
24 VDC
(9 – 36 VDC)
3.3 VDC
500mA
70%
1.65W
LANEUW2405R2H
5 VDC
400mA
75%
2W
LANEUW2409R2H
9 VDC
222mA
75%
2W
LANEUW2412R2H
12 VDC
167mA
80%
2W
LANEUW2415R2H
15 VDC
133mA
80%
2W
LANEUW4833R2H
48 VDC
(18 – 72 VDC)
3.3 VDC
500mA
70%
1.65W
LANEUW4805R2H
5 VDC
400mA
75%
2W
LANEUW4809R2H
9 VDC
222mA
75%
2W
LANEUW4812R2H
12 VDC
167mA
80%
2W
LANEUW4815R2H
15 VDC
133mA
80%
2W
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency
Output Power
LANEUW2405RD2H
24 VDC
(9 – 36 VDC)
±5 VDC
±200mA
75%
2W
LANEUW2409RD2H
±9 VDC
±111mA
75%
2W
LANEUW2412RD2H
±12 VDC
±83mA
80%
2W
LANEUW2415RD2H
±15 VDC
±67mA
80%
2W
LANEUW4805RD2H
48 VDC
(18 – 72 VDC)
±5 VDC
±200mA
75%
2W
LANEUW4809RD2H
±9 VDC
±111mA
75%
2W
LANEUW4812RD2H
±12 VDC
±83mA
80%
2W
LANEUW4815RD2H
±15 VDC
±67mA
80%
2W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com